Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIPY Datasheet(PDF) 1 Page - Pycom

Part # FIPY
Description  the latest Pycom MicroPython enabled micro controller on the market todaythe perfect enterprise grade IoT platform for your connected Things.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

FIPY Datasheet(HTML) 1 Page - Pycom

  FIPY Datasheet HTML 1Page - Pycom FIPY Datasheet HTML 2Page - Pycom FIPY Datasheet HTML 3Page - Pycom FIPY Datasheet HTML 4Page - Pycom FIPY Datasheet HTML 5Page - Pycom FIPY Datasheet HTML 6Page - Pycom FIPY Datasheet HTML 7Page - Pycom FIPY Datasheet HTML 8Page - Pycom FIPY Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
01
External WiFi and
Bluetooth antenna
connector
ESP32 Dual Core
Microcontroller and
WiFi/Bluetooth 4.2 radio
External LoRa
and Sigfox
antenna connector
WS2812
RGB LED
3V3 Ultra–Low–Noise
switching regulator
Nano SIM
socket
LTE CAT M1 / NB1
antenna connector
LoRa and Sigfox transceiver
8MB
flash
memory
4MB RAM
LTE CAT M1 / NB1
transceiver
Reset switch
RF switch
Internal WiFi
and Bluetooth
Antenna
1.0
Overview
With Sigfox, LoRa, WiFi, BLE and cellular LTE–CAT M1/
NB1, the FiPy is the latest Pycom MicroPython enabled
micro controller on the market today – the perfect
enterprise grade IoT platform for your connected Things.
Create and connect your things everywhere. Fast.
2.0
Features
– Five Networks: WiFi, BLE, cellular LTE–CAT M1/NB1,
LoRa and Sigfox
– Powerful CPU.
– Can also double up as a Nano LoRa gateway
– MicroPython enabled
– Fits in a standard breadboard (with headers)
– Ultra–low power usage: a fraction compared to
other connected micro controllers
– World ready, one product covers all LTE–M bands
Size
55mm x 20mm x 3.5mm
Temperature Range
–20 to +85 °C


Similar Part No. - FIPY

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
FIP VIGO-FIP Datasheet
748Kb / 2P
Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
FIP-10K-1G-D VIGO-FIP-10K-1G-D Datasheet
748Kb / 2P
Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
FIP-10K-1G-ND VIGO-FIP-10K-1G-ND Datasheet
748Kb / 2P
Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
FIP-1K-1G-D VIGO-FIP-1K-1G-D Datasheet
748Kb / 2P
Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
FIP-1K-1G-ND VIGO-FIP-1K-1G-ND Datasheet
748Kb / 2P
Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
More results

Similar Description - FIPY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
Among the lowest RDS on the market
18-Dec-2015
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Agilent(Hewlett-Packard...
U1730C HP-U1730C Datasheet
502Kb / 11P
Take your expectations higher with the latest LCR meters
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
Take your expectations higher with the latest LCR meters
logo
Ohmite Mfg. Co.
RES-2010SMD OHMITE-RES-2010SMD Datasheet
304Kb / 2P
Smallest wirewound on the market
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
Microsemi Corporation
PD-3504G MICROSEMI-PD-3504G Datasheet
817Kb / 2P
Compact 4-port Gigabit Midspan for the enterprise market
logo
Advantech Co., Ltd.
ESRP-ACT-UNO2484 ADVANTECH-ESRP-ACT-UNO2484 Datasheet
1,001Kb / 2P
Enterprise IoT Network Platform
logo
Multi-Tech Systems, Inc...
86002198 MULTITECH-86002198 Datasheet
730Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
86002217 MULTITECH-86002217 Datasheet
720Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com