Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIPY Datasheet(PDF) 22 Page - Pycom

Part # FIPY
Description  the latest Pycom MicroPython enabled micro controller on the market todaythe perfect enterprise grade IoT platform for your connected Things.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

FIPY Datasheet(HTML) 22 Page - Pycom

Back Button FIPY Datasheet HTML 18Page - Pycom FIPY Datasheet HTML 19Page - Pycom FIPY Datasheet HTML 20Page - Pycom FIPY Datasheet HTML 21Page - Pycom FIPY Datasheet HTML 22Page - Pycom FIPY Datasheet HTML 23Page - Pycom FIPY Datasheet HTML 24Page - Pycom FIPY Datasheet HTML 25Page - Pycom FIPY Datasheet HTML 26Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
16.0 LTE CAT–M1/NB–IoT
16.1
Supported features
– 12 bands supported from 699Mhz to 2690Mhz
(Total worldwide support)
– 3GPP release 13 LTE Advanced Pro
– Supports narrowband LTE UE categories M1/NB1
– Integrated baseband, RF, RAM memory and
power management
– Reduced TX power class option
– Extended DRX (eDRX) and PSM features for long
sleep duration use cases
16.2
Specifications
16.2.1 Supported LTE bands
16.3
SIM Card requirements
16.4
Certified carriers
Table 21 – Supported LTE modes
Table 22 – Supported LTE bands
Table 23 – SIM card specifications
Table 24 –Certified carriers
Parameter
Min
Typ.
Max
Unit
Data rate
LTE Cat M1 in 1.4 Mhz, HD–FDD – DL
300
kbps
LTE Cat M1 in 1.4 Mhz, HD–FDD – UP
375
kbps
LTE Cat NB1 in 200 kHz, HD–FDD – DL
40
kbps
LTE Cat NB1 in 200 kHz, HD–FDD – UL
55
kbps
Bands
TX Frequencies
RX Frequencies
Low Bands 5, 8, 12,
13, 18, 19, 20, 28
699 to 915 MHz
729 to 960 MHz
Mid Bands 1, 2, 3, 4
1710 to 1980 MHz
1805 to 2170 MHz
Parameter
Min.
Typ.
Max
Unit
Form factor
Nano–SIM
Variant
USIM
Supply Voltage
1.8
v
Carrier
Country
Network
Verizon US
United States
LTE CAT–M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com