Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA328 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 21Page - STMicroelectronics STA328_08 Datasheet HTML 22Page - STMicroelectronics STA328_08 Datasheet HTML 23Page - STMicroelectronics STA328_08 Datasheet HTML 24Page - STMicroelectronics STA328_08 Datasheet HTML 25Page - STMicroelectronics STA328_08 Datasheet HTML 26Page - STMicroelectronics STA328_08 Datasheet HTML 27Page - STMicroelectronics STA328_08 Datasheet HTML 28Page - STMicroelectronics STA328_08 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
STA328
Register description
25/57
Figure 16.
Serial input data timing
Each channel received via I2S can be mapped to any internal processing channel via the
channel input mapping registers. This allows for flexibility in processing. The default settings
of these registers map each I2S input channel to its corresponding processing channel.
Table 19.
Serial input data timing characteristics (fs = 32 to 192 kHz)
Parameter in Figure 16
Value
BICKI frequency (slave mode)
12.5 MHz max.
BICKI pulse width low (T0) (slave mode)
40 ns min.
BICKI pulse width high (T1) (slave mode)
40 ns min.
BICKI active to LRCKI edge delay (T2)
20 ns min.
BICKI active to LRCKI edge delay (T3)
20 ns min.
SDI valid to BICKI active setup (T4)
20 ns min.
BICKI active to SDI hold time (T5)
20 ns min.
Table 20.
Delay serial clock enable
Bit
R/W
RST
Name
Description
5
RW
0
DSCKE
Delay serial clock enable:
0: no serial clock delay
1: serial clock delay by 1 core clock cycle to tolerate
anomalies in some I2S master devices
Table 21.
Channel input mapping
Bit
R/W
RST
Name
Description
6RW
0
C1IM
0: processing channel 1 receives left I2S input
1: processing channel 1 receives right I2S input
7RW
1
C2IM
0: processing channel 2 receives left I2S input
1: processing channel 2 receives right I2S input
BICKI
T0
T1
LRCKI
T2
T3
SDI
T4
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com