Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA328 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 23Page - STMicroelectronics STA328_08 Datasheet HTML 24Page - STMicroelectronics STA328_08 Datasheet HTML 25Page - STMicroelectronics STA328_08 Datasheet HTML 26Page - STMicroelectronics STA328_08 Datasheet HTML 27Page - STMicroelectronics STA328_08 Datasheet HTML 28Page - STMicroelectronics STA328_08 Datasheet HTML 29Page - STMicroelectronics STA328_08 Datasheet HTML 30Page - STMicroelectronics STA328_08 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
STA328
Register description
27/57
6.4
Configuration register D (addr 0x03)
The STA328 features an internal digital high-pass filter for the purpose of DC Blocking. The
purpose of this filter is to prevent DC signals from passing through a DDX® amplifier. DC
signals can cause speaker damage.
By setting this bit to 1, the de-emphasis will be implemented on all channels. DSPB (DSP
Bypass, Bit D2, CFA) bit must be set to 0 for de-emphasis to function.
Setting the DSPB bit bypasses all the EQ and mixing functionality of the STA328 core.
Post-scale functionality is an attenuation placed after the volume control and directly before
the conversion to PWM. Post-scale can also be used to limit the maximum modulation index
and therefore the peak current. A setting of 1 in the PSL register will result in the use of the
value stored in channel 1 post-scale for all three internal channels.
D7
D6
D5
D4
D3
D2
D1
D0
MME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
01
0
0
0
0
0
0
Table 25.
High-pass filter bypass
Bit
R/W
RST
Name
Description
0RW
0
HPB
High-pass filter bypass bit.
0: AC coupling high pass filter enabled
1: AC coupling high pass filter disabled
Table 26.
De-emphasis
Bit
R/W
RST
Name
Description
1RW
0
DEMP
De-emphasis:
0: no de-emphasis
1: de-emphasis
Table 27.
DSP bypass
Bit
R/W
RST
Name
Description
2
RW
0
DSPB
DSP bypass bit:
0: normal Operation
1: bypass of EQ and mixing functionality
Table 28.
Post-scale link
Bit
R/W
RST
Name
Description
3
RW
0
PSL
Post-scale link:
0: each channel uses individual post-scale value
1: each channel uses channel 1 post-scale value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com