Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA328 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 41Page - STMicroelectronics STA328_08 Datasheet HTML 42Page - STMicroelectronics STA328_08 Datasheet HTML 43Page - STMicroelectronics STA328_08 Datasheet HTML 44Page - STMicroelectronics STA328_08 Datasheet HTML 45Page - STMicroelectronics STA328_08 Datasheet HTML 46Page - STMicroelectronics STA328_08 Datasheet HTML 47Page - STMicroelectronics STA328_08 Datasheet HTML 48Page - STMicroelectronics STA328_08 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
STA328
User programmable processing
45/57
7
User programmable processing
7.1
EQ - biquad equation
The biquads use the equation that follows. This is diagrammed in Figure 18 below.
Y[n] = 2(b0/2)X[n] + 2(b1/2)X[n - 1] + b2X[n - 2] - 2(a1/2)Y[n - 1] - a2Y[n - 2]
= b0X[n] + b1X[n - 1] + b2X[n - 2] - a1Y[n - 1] - a2Y[n - 2]
where Y[n] represents the output and X[n] represents the input. Multipliers are 28-bit signed
fractional multipliers, with coefficient values in the range of 0x800000 (-1) to 0x7FFFFF
(0.9999998808).
Coefficients stored in the user defined coefficient RAM are referenced in the following
manner:
"
CxHy0 = b1/2
"
CxHy1 = b2
"
CxHy2 = -a1/2
"
CxHy3 = -a2
"
CxHy4 = b0/2
The x represents the channel and the y the biquad number. For example C3H41 is the b0/2
coefficient in the fourth biquad for channel 3
Figure 18.
Biquad filter
7.2
Pre-scale
The pre-scale block which precedes the first biquad is used for attenuation when filters are
designed that boost frequencies above 0 dBFS. This is a single 28-bit signed multiplier, with
0x800000 = -1 and 0x7FFFFF = 0.9999998808. By default, all pre-scale factors are set to
0x7FFFFF.
7.3
Post-scale
The STA328 provides one additional multiplication after the last interpolation stage and
before the distortion compensation on each channel. This is a 24-bit signed fractional
multiplier. The scale factor for this multiplier is loaded into RAM using the same I2C registers
as the biquad coefficients and the mix. All channels can use the same settings as channel 1
by setting the post-scale link bit.
+
+
+
2
2
-a2
-a1 /2
b2
b1 /2
b0 /2
Z -1
Z -1
Z -1
Z -1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com