Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103X6 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F103X6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X6 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F103X6_08 Datasheet HTML 76Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 77Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 78Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 79Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 80Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 81Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 82Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 83Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
Revision history
STM32F103xx
80/84
8
Revision history
Table 56.
Document revision history
Date
Revision
Changes
01-jun-2007
1
Initial release.
20-Jul-2007
2
Flash memory size modified in Note 6, Note 4, Note 7, Note 8 and
BGA100 pins added to Table 3: Pin definitions. Figure 3:
STM32F103xx performance line BGA100 ballout added.
THSE changed to TLSE in Figure 19: Low-speed external clock source
AC timing diagram. VBAT ranged modified in Power supply schemes.
tSU(LSE) changed to tSU(HSE) in Table 21: HSE 4-16 MHz oscillator
characteristics. IDD(HSI) max value added to Table 23: HSI oscillator
characteristics.
Sample size modified and machine model removed in Electrostatic
discharge (ESD).
Number of parts modified and standard reference updated in Static
latch-up. 25 °C and 85 °C conditions removed and class name modified
in Table 32: Electrical sensitivities. RPU and RPD min and max values
added to Table 33: I/O static characteristics. RPU min and max values
added to Table 36: NRST pin characteristics.
Figure 24: I2C bus AC waveforms and measurement circuit and
Figure 23: Recommended NRST pin protection corrected.
Notes removed below Table 7, Table 36, Table 42.
IDD typical values changed in Table 11: Maximum current consumption
in Run and Sleep modes. Table 37: TIMx characteristics modified.
tSTAB, VREF+ value, tlat and fTRIG added to Table 44: ADC
characteristics.
In Table 28: Flash memory endurance and data retention, typical
endurance and data retention for TA = 85 °C added, data retention for
TA = 25 °C removed.
VBG changed to VREFINT in Table 10: Embedded internal reference
voltage. Document title changed. Controller area network (CAN)
section modified.
Figure 11: Power supply scheme modified.
Features on page 1 list optimized. Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com