Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103X6 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F103X6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F103X6_08 Datasheet HTML 45Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 46Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 47Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 48Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 49Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 50Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 51Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 52Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
STM32F103xx
Electrical characteristics
49/84
Wakeup time from low-power mode
The wakeup times given in Table 25 is measured on a wakeup phase with a 8-MHz HSI RC
oscillator. The clock source used to wake up the device depends from the current operating
mode:
●
Stop or Standby mode: the clock source is the RC oscillator
●
Sleep mode: the clock source is the clock that was set before entering Sleep mode.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 7.
5.3.8
PLL characteristics
The parameters given in Table 26 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 7.
Table 25.
Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ
Unit
tWUSLEEP
(1)
1.
The wakeup times are measured from the wakeup event to the point in which the user application code
reads the first instruction.
Wakeup from Sleep mode
Wakeup on HSI RC clock
1.8
µs
tWUSTOP
(1)
Wakeup from Stop mode
(regulator in run mode)
HSI RC wakeup time = 2 µs
3.6
µs
Wakeup from Stop mode
(regulator in low power mode)
HSI RC wakeup time = 2 µs,
Regulator wakeup from LP mode
time = 5 µs
5.4
tWUSTDBY
(1) Wakeup from Standby mode
HSI RC wakeup time = 2 µs,
Regulator wakeup from power down
time = 38 µs
50
µs
Table 26.
PLL characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max(1)
1.
Data based on device characterization, not tested in production.
fPLL_IN
PLL input clock
8.0
MHz
PLL input clock duty cycle
40
60
%
fPLL_OUT
PLL multiplier output clock
16
72
MHz
tLOCK
PLL lock time
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com