Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103X6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F103X6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F103X6_08 Datasheet HTML 37Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 38Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 39Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 40Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 41Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 42Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 43Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 44Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
STM32F103xx
Electrical characteristics
41/84
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 18. The MCU is placed
under the following conditions:
●
all I/O pins are in input mode with a static value at VDD or VSS (no load)
●
all peripherals are disabled unless otherwise mentioned
●
the given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
●
ambient operating temperature and VDD supply voltage conditions summarized in
Table 4
Table 17.
Typical current consumption in Standby mode
Symbol
Parameter
Conditions
VDD
Typ(1)
1.
Typical values are measures at TA = 25 °C, VDD = 3.3 V.
Unit
IDD
Supply current in
Standby mode(2)
2.
To obtain Standby consumption with RTC ON, add IDD_VBAT (Low-speed oscillator, RTC ON) to IDD
Standby.
Low-speed internal RC oscillator and
independent watchdog OFF
3.3 V
2
µA
2.4 V
1.5
Low-speed internal RC oscillator and
independent watchdog ON
3.3 V
3.4
2.4 V
2.6
Low-speed internal RC oscillator ON,
independent watchdog OFF
3.3 V
3.2
2.4 V
2.4
IDD_VBAT
Backup domain
supply current
Low-speed oscillator and RTC ON
3.3 V
1.4
µA
2.4 V
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com