Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPGS1 Datasheet(PDF) 27 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 27 Page - ABB

Back Button OPGS1 Datasheet HTML 23Page - ABB OPGS1 Datasheet HTML 24Page - ABB OPGS1 Datasheet HTML 25Page - ABB OPGS1 Datasheet HTML 26Page - ABB OPGS1 Datasheet HTML 27Page - ABB OPGS1 Datasheet HTML 28Page - ABB OPGS1 Datasheet HTML 29Page - ABB OPGS1 Datasheet HTML 30Page - ABB OPGS1 Datasheet HTML 31Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 192 page
background image
—
Manual switch-disconnectors OT16...160, IEC/UL
Ordering information
—
OT160G switch-disconnectors, base and DIN-rail mounting, IEC
Non-fusible disconnect switches, base and DIN-rail mounting, UL/CSA
The types with K at the end include direct mount non-lockable handle YAST1. The type with
KL includes an lockable direct type handle OHBS16. The base mounted types with P at the
end include external handle OHB65J6 and shaft OXP6X210. Front and side operation is
possible with the same handle and shaft.
Number
of poles
Rated operational currents
Type code
Order code
Weight/
unit
UL98
Listed,
600 V
UL 98
Recognized,
600 V
AC22A/
AC23A,
690 V
A
A
A
kg
lb
3
100
125
160/160
OT160G03
1SCA135134R1001
1.1
2.43
3
100
125
160/160
OT160G03K
1SCA138208R1001
1.2
2.65
3
100
125
160/160
OT160G03KL
1SCA150028R1001
1.1
2.43
3
100
125
160/160
OT160G03P
1SCA135139R1001
1.3
2.87
4
100
125
160/160
OT160G04
1SCA135135R1001
1.3
2.87
4
100
125
160/160
OT160G04K
1SCA138215R1001
1.4
3.09
4
100
125
160/160
OT160G04KL
1SCA150184R1001
1.3
2.65
4
100
125
160/160
OT160G04P
1SCA135140R1001
1.4
3.09
3
100
125
160/160
OT160G30
1SCA138207R1001
1.1
2.43
3
100
125
160/160
OT160G30K
1SCA138209R1001
1.2
2.65
3
100
125
160/160
OT160G30KL
1SCA150185R1001
1.1
2.43
3
100
125
160/160
OT160G30P
1SCA135138R1001
1.2
2.65
4
100
125
160/160
OT160G40
1SCA138213R1001
1.3
2.87
4
100
125
160/160
OT160G40K
1SCA138214R1001
1.4
3.09
4
100
125
160/160
OT160G40KL
1SCA150186R1001
1.3
2.65
4
100
125
160/160
OT160G40P
1SCA138216R1001
1.4
3.09
Approvals:
- UL98, CSA 22-2 No.4
- IEC 60947-3
—
OT160G switch-disconnectors, door mounting, IEC
Non-fusible disconnect switches, door mounting, UL/CSA
The door mounted types with P at the end include external handle OHB65J6, shaft OXP6X50
and mounting kit OHZX6. Front and side operation is possible with the same handle and
shaft.
Number
of poles
Rated operational currents
Type code
Order code
Weight/
unit
UL98
Listed,
600 V
UL 98
Recognized,
600 V
AC22A/
AC23A,
690 V
A
A
A
kg
lb
Door mounted versions
3
100
125
160/160
OT160GT03
1SCA135136R1001
1.2
2.65
3
100
125
160/160
OT160GT03P
1SCA135141R1001
1.2
2.65
4
100
125
160/160
OT160GT04
1SCA135137R1001
1.3
2.87
4
100
125
160/160
OT160GT04P
1SCA135142R1001
1.3
2.87
3
100
125
160/160
OT160GT30
1SCA138220R1001
1.2
2.65
3
100
125
160/160
OT160GT30P
1SCA135143R1001
1.2
2.65
4
100
125
160/160
OT160GT40
1SCA138221R1001
1.3
2.87
4
100
125
160/160
OT160GT40P
1SCA135144R1001
1.3
2.87
Approvals:
- UL98, CSA 22-2 No.4
- IEC 60947-3
OT160G04P
OT160G03K
OT160GT04
OT160GT03P
OT160G03KL
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
27
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com