Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPGS1 Datasheet(PDF) 72 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 72 Page - ABB

Back Button OPGS1 Datasheet HTML 68Page - ABB OPGS1 Datasheet HTML 69Page - ABB OPGS1 Datasheet HTML 70Page - ABB OPGS1 Datasheet HTML 71Page - ABB OPGS1 Datasheet HTML 72Page - ABB OPGS1 Datasheet HTML 73Page - ABB OPGS1 Datasheet HTML 74Page - ABB OPGS1 Datasheet HTML 75Page - ABB OPGS1 Datasheet HTML 76Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 192 page
background image
—
Manual switch-disconnectors OT1600...2000, UL
Technical data for non fusible disconnect switches
Technical data according to UL/CSAt
Switch type
OT1600U
OT2000U
Approval
C
ULUS Listed
C
ULUS Listed
File #
E101914
E101914
Compliance
UL98
UL98
CSA C22.2 No.4
CSA C22.2 No.4
General Use AC ratings -40 to +40 °C
Voltage rating
pf=0.7...0.8 Single and three phase
1 600 A
2 000 A
600 V
600 V
Maximum General Use DC Ratings
250 V DC
1 600
2 000
Short circuit rating with fuse
Fuse type L
100 kA
100 kA
Maximum fuse size
2 000 A
2 000 A
Minimum electrical endurance pf. 0.75...0.8
Mechanical endurance
Divide by two for operation cycles
500 Oper.cycles
500 Oper.cycles
2 500 Oper.
2 500 Oper.
Gross/ net weight without handle,
shaft and accessories
2-pole switch
37/34 kg - 81.6/75 lb
37/34 kg - 81.6/75 lb
3-pole switch
52/49 kg - 114.6/108 lb
52/49 kg - 114.6/108 lb
4-pole switch
69/65 kg- 152.1/143.3 lb
69/65 kg - 152.1/143.3 lb
Standard shaft and mounting depth
Standard handle
Square dimension x length of shaft
12x185 mm/ 0.47x7.3 in
12x185 mm/ 0.47x7.3 in
Corresponding mounting depth
358-444 mm/ 13.6-16.8 in
358-444 mm/ 13.6-16.8 in
OHB 274J12 Type
OHB 274J12 Type
Terminal bolt size
Metric thread diameter x length
M12x60 mm (included)
M12x60 mm (included)
Terminal bolt tightening torque
Counter torque required
50 Nm / 443 lb.in
50 Nm / 443 lb.in
Terminal lug kits (optional)
75 °C wire
2x OZXA-1200 Qty / switch
2x OZXA-1200 Qty / switch
2x 4x2-600MCM Wire range
2x 4x2-600MCM Wire range
Torque
Wire tightening
56 Nm / 500 lb.in
56 Nm/ 500 lb.in
Lug mounting
50 Nm/ 443 lb.in
50 Nm/ 443 lb.in
Minimum enclosure dimensions
Height x Width x Depth
1 000x800x450 mm
1 000x800x450 mm
39.4x31.5x17.7 in
39.4x31.5x17.7 in
72
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
72
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com