Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPGS1 Datasheet(PDF) 40 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 40 Page - ABB

Back Button OPGS1 Datasheet HTML 36Page - ABB OPGS1 Datasheet HTML 37Page - ABB OPGS1 Datasheet HTML 38Page - ABB OPGS1 Datasheet HTML 39Page - ABB OPGS1 Datasheet HTML 40Page - ABB OPGS1 Datasheet HTML 41Page - ABB OPGS1 Datasheet HTML 42Page - ABB OPGS1 Datasheet HTML 43Page - ABB OPGS1 Datasheet HTML 44Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 192 page
background image
Selector handles for door mounted switches
Indication I-O and ON-OFF. No separate shaft needed.
Suitable for switches
Colour
Type
Order code
Weight/
unit
kg
Snap-on mounting, door drilling 22.5 mm
No padlocking, IP54, NEMA 1
OT16...40FT
Black
OHBS1PH
1SCA105211R1001
0.05
Red-yellow
OHYS1PH
1SCA105294R1001
0.05
Padlockable with one padlock, IP54, NEMA 1
OT16...40FT
Black
OHBS3PH
1SCA105236R1001
0.05
Red-yellow
OHYS3PH
1SCA105327R1001
0.05
Padlockable with max. 3 padlocks, IP65, NEMA 1, 3R, 12
OT16...40FT
Black
OHBS2PJ
1SCA105231R1001
0.07
Red-yellow
OHYS2PJ
1SCA105322R1001
0.07
Screw mounting, hole distance 36 mm
No padlocking, IP54, NEMA 1
OT16...80FT
Black
OHBS1RH
1SCA105212R1001
0.05
Red-yellow
OHYS1RH
1SCA105295R1001
0.05
Padlockable with one padlock, IP54, NEMA 1
OT16...80FT
Black
OHBS3RH
1SCA105237R1001
0.05
Red-yellow
OHYS3RH
1SCA105328R1001
0.05
Padlockable with max. 3 padlocks, IP65, hole distance 36/48 mm, NEMA 1, 3R, 12
OT16...125FT
Black
OHBS2RJ
1SCA105232R1001
0.07
Red-yellow
OHYS2RJ
1SCA105323R1001
0.07
- Door interlocking in ON-position means that the door can not be opened, when the handle is in ON-position.
This can be defeated in IP65 types to allow authorized personnel access for inspection. The padlocked handle is not defeatable.
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for handles
OHYS3PH, RH
OHYS2PJ, RH
OHBS3PH, RH
OHBS2PJ, RH
40
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
40
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com