Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW1073AAFS Datasheet(PDF) 3 Page - CellWise Microelectronics

Part # CW1073AAFS
Description  6~7 battery protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1073AAFS Datasheet(HTML) 3 Page - CellWise Microelectronics

  CW1073AAFS Datasheet HTML 1Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 2Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 3Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 4Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 5Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 6Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 7Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 8Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 9Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CW1073 X X X X
0.100V
Balance start threshold
2.700V
3.650V
CW1073ABCS
N
2.700V
4.250V
N
0.200V
0.400V
CW1073AAKS
Overcharge release
CW1073AACS
1s
1s
-
0.100V
2.400V
0.3s
1s
N
4.075V
CW1073AAES
0.100V
N
0.100V
3.000V
CW1073AAIS
AND
0.200V
3.000V
4.100V
1s
1s
4.025V
4.175V
0.100V
Parameter type: from A to Z
CW1073AABS
Over discharge release
1s
1s
N
0.500V
AND
CW1073AAJS
Thermal protection
2.700V
2.500V
4.250V
0.200V
CW1073AADS
AND
1s
1s
4.150V
Features and Version Information: From A to Z
0.500V
-
N
4.025V
0.100V
CW1073AAAS
3.000V
4.150V
0.050V
Overcurrent 1 threshold
3.000V
4.075V
CW1073AAGS
2.700V
4.200V
AND
0.200V
0.050V
AND
4.200V
Battery type: A: Lithium-ion battery B: Lithium iron phosphate battery
0.200V
N
Discharge low
2.700V
1s
1s
0.400V
CW1073AALS
4.125V
CW1073AAFS
N
N
0.100V
Product Model
3.000V
CW1073ABCS
1s
Overcharge threshold
4.200V
2.800V
0.500V
3.625V
3.000V
4.100V
1s
© 2017-2019 Cellwise Microelectronics
0.200V
4.125V
CW1073AAKS
0.200V
AND
Overcurrent 2 threshold
3.000V
4.000V
0.200V
Complex load detection
2.700V
4.175V
N
4.200V
4.050V
0.500V
0.200V
Discharge over temperature recovery
2.700V
1s
0.500V
Over discharge threshold
CW1073AAIS
CW1073AAES
4.075V
1s
3.000V
4.050V
CW1073AAJS
AND
N
0.100V
CW1073AABS
2.500V
4.200V
N
0.100V
4.125V
3.000V
1s
0.500V
3.000V
4.050V
4.100V
CW1073AADS
N
0.100V
0.100V
Package type: S: SSOP24
CW1073AAAS
Short circuit threshold
2.700V
4.225V
0.500V
CW1073AAGS
AND
Overcharge delay
1s
1s
1s
-
1s
Over discharge delay
0.200V
3
CW1073AAFS
1s
N
CW1073AACS
0.100V
4.075V
3.000V
4.150V
2.100V
3.750V
CW1073AALS
AND
0.200V
AND
1s
1s
0.400V
-
0.200V
Product Model
Product Catalog
Product Selection Guide
CW1073
[TOD]
[VODR]
[VBAL]
[VEC1]
[VOCR]
[VOD]
[TOC]
[VOC]
[VEC2]
[VSHR]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com