Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW1073AAFS Datasheet(PDF) 12 Page - CellWise Microelectronics

Part # CW1073AAFS
Description  6~7 battery protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1073AAFS Datasheet(HTML) 12 Page - CellWise Microelectronics

Back Button CW1073AAFS Datasheet HTML 8Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 9Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 10Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 11Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 12Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 13Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 14Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 15Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 16Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
100ÿ
VC2
VC1
CW1073
The sample resistance is 200ÿ~1kÿ. If large current balancing is required, an external balancing circuit can be added to expand the current. The balancing current is determined by the external balancing resistor.
Equalization function diagram
Keep low level to keep the discharge MOSFET off; keep CO terminal low level to keep the charge MOSFET on. Sleep state release condition: the battery voltage is higher than the
over-discharge release voltage
(VODR) and lasts longer than the over-discharge release delay time (TODR).
Under normal conditions, if the voltage of any cell is higher than the balancing detection voltage (VBAL) and the voltage of the other cells is lower than the balancing detection voltage (VBAL),
and the balancing start delay time (TBAL) is exceeded, CW1073 starts balancing. Balancing stop conditions: 1.
All cell voltages are lower
than the balancing detection voltage (VBAL). 2. All cell voltages are higher than the
balancing detection voltage (VBAL).
CW1073 enters the over-discharge protection state and exceeds the sleep delay time (TSLP), then CW1073 enters the low power state. DO terminal
CW1073 has built-in balancing function, internal balancing resistor is 100ÿ, and balancing current is adjusted by external voltage sampling resistor.
CW1073 has an optional discharge low temperature protection function. The default discharge low temperature protection temperature setting is the charge low temperature protection temperature of -20ÿ.
2. Determine the charge over-temperature protection threshold, such as
50°C; 3. According to the temperature curve of the NTC resistor, find the resistance value corresponding to 50°C, such as 3.5kÿ; 4. Use a
normal resistor with 10 times the resistance to connect to the ROT terminal, that is, 35kÿ; 5. After determining the
charge over-temperature protection threshold, the discharge over-temperature protection threshold defaults to 50°C+20°C = 70°C; 6. The charge low-
temperature protection setting uses the same method, but the resistor needs to be connected to the RUT terminal; 7. Please refer
to the application circuit for detailed circuits, and set the appropriate protection temperature by selecting resistors;
Voltage sampling and balancing start timing diagram
12
3. CW1073 enters the disconnection protection state, discharge temperature protection state, and low power consumption state.
© 2017-2019 Cellwise Microelectronics
CW1073 uses odd-even channel time-sharing balancing. The balancing function does not affect the normal battery voltage sampling. When multiple balancing channels are turned on at the same
time, the odd channels will enter the balancing state first, and the even channels will enter the balancing state in the next cycle. The specific battery voltage sampling and balancing start timing diagram is as
follows:
Equalization function
CW1073
Low power state
8ms
8ms
8ms
48ms
Sampling Waiting
Sampling Waiting
8ms
Sampling Waiting
Even Channel Equalization
Odd channel equalization
Odd channel equalization
Internal equalization circuit
8ms
8ms
Voltage sampling
Voltage sampling
Voltage sampling
8ms
8ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com