Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW1073AAFS Datasheet(PDF) 16 Page - CellWise Microelectronics

Part # CW1073AAFS
Description  6~7 battery protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1073AAFS Datasheet(HTML) 16 Page - CellWise Microelectronics

Back Button CW1073AAFS Datasheet HTML 9Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 10Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 11Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 12Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 13Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 14Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 15Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 16Page - CellWise Microelectronics CW1073AAFS Datasheet HTML 17Page - CellWise Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
0.635BSC
----
L
0.24
3.80
AND
A2
MILLIMETER
0.60
1.05REF
----
4.00
8.65
16
0.80
0.19
c
MAX.
h
0.28
0.65
-----
A1
3.90
1.30
0.20
----
6.20
1.50
0.50
0.20
MIN.
b1
SSOP24
package
8°
1.40
0.22
b
SYMBOL
0.50
6.00
0.10
and
0.31
0.25
----
5.80
D
----
ÿ
8.75
0.23
A3
NAME.
0.30
0.70
E1
0
0.15
----
c1
1.75
8.55
A
0.25
L1
0.21
© 2017-2019 Cellwise Microelectronics
Package Drawing and Package Dimensions
CW1073
L1
A2
b1
B B
A3
b
and
0.25
c1 c
A
E1 E
WITH PLATING
L
C
BASE METAL
SECTION B-B
A1
h
i
b
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com