Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9B95B Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT9B95B
Description  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Rev. 1.10
10
November 25, 2015
HT9B95A/B/G
Functional Description
Power-On Reset
When the power is applied, the device is initialized
by an internal power-on reset circuit. The status of the
internal circuits after initialization is as follows:
• All common outputs are set to VSS.
• All segment outputs are set to VSS.
• LCD Driver Output Waveform: B-type inversion.
• Internal oscillator is selected.
• The 1/3 bias drive mode is selected.
• LCD bias generator is in an off state.
• LCD Display and internal oscillator are in off
states.
• Power save mode is set to normal current.
• Frame Frequency is set to 80Hz.
• Blinking function is switched off
Data transfers on the I2C-bus should be avoided for
1 ms following power-on to allow completion of the
reset action.
System Oscillator
The timing for the internal logic and the LCD drive
signals are generated by the internal oscillator. The
System Clock frequency (fSYS) determines the LCD
frame frequency. During initial system power on the
System Oscillator will be in the stop state.
Segment Driver Outputs
The LCD drive section includes up to 43 segment
outputs SEG0 ~ SEG42 which should be connected
directly to the LCD panel. The segment output signals
are generated in accordance with the multiplexed
common signals and with the data resident in the display
latch. The unused segment outputs should be left
open-circuit.
Column Driver Outputs
The LCD drive section includes up to 8 column
outputs COM0~COM7 which should be connected
directly to the LCD panel. The column output signals
are generated in accordance with the selected LCD
drive mode. The unused column outputs should be
left open-circuit if less than 8 column outputs are
required.
Address Pointer
The addressing mechanism for the display RAM is
implemented using the address pointer. This allows
the loading of an individual display data byte, or a
series of display data bytes, into any location of the
display RAM. The sequence commences with the ini-
tialization of the address pointer by the Display Data
Input command.
Display Memory – RAM Structure
The display RAM is static 39x8 bits RAM which
stores the LCD data. Logic “1” in the RAM bit-map
indicates the “on” state of the corresponding LCD
segment; similarly, logic 0 indicates the ‘off’ state.
The contents of the RAM data are directly mapped
to the LCD data. The first RAM column corresponds
to the segments operated with respect to COM0.
In multiplexed LCD applications the segment data
from 2nd to 7th column of the display RAM are time-
multiplexed with COM1 to COM7 respectively. The
following diagram is a data transfer format for I2C
interface.
MSB
LSB
SDA Data
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
LCD Display Output Data Transfer Format for I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com