| Electronic Components Datasheet Search |
|
AM2432BSDFHIALVR.B Datasheet(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2432BSDFHIALVR.B Datasheet(HTML) 64 Page - Texas Instruments |
|
64 / 282 page ![]() 5.3.6 ECAP MAIN Domain Instances Table 5-14. ECAP0 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] ECAP0_IN_APWM_OUT (1) IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Output D18 (1) The ECAP0_IN_APWM_OUT signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-15. ECAP1 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] ECAP1_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Output C17 B14 Table 5-16. ECAP2 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] ECAP2_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Output D17 A15 5.3.7 Emulation and Debug MAIN Domain Instances Table 5-17. Trace Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] TRC_CLK O Trace Clock T20 R21 TRC_CTL O Trace Control U21 R20 TRC_DATA0 O Trace Data 0 T18 T19 TRC_DATA1 O Trace Data 1 U20 V21 TRC_DATA2 O Trace Data 2 U18 U21 TRC_DATA3 O Trace Data 3 U19 T20 TRC_DATA4 O Trace Data 4 V20 T18 TRC_DATA5 O Trace Data 5 V21 U19 TRC_DATA6 O Trace Data 6 V19 U18 TRC_DATA7 O Trace Data 7 T17 U20 TRC_DATA8 O Trace Data 8 R16 V20 TRC_DATA9 O Trace Data 9 W20 W20 TRC_DATA10 O Trace Data 10 W21 Y20 TRC_DATA11 O Trace Data 11 V18 Y19 TRC_DATA12 O Trace Data 12 Y21 Y18 TRC_DATA13 O Trace Data 13 Y20 AA19 TRC_DATA14 (1) O Trace Data 14 R17 TRC_DATA15 (1) O Trace Data 15 P16 TRC_DATA16 (1) O Trace Data 16 R18 TRC_DATA17 (1) O Trace Data 17 T21 TRC_DATA18 (1) O Trace Data 18 P17 TRC_DATA19 (1) O Trace Data 19 T19 P21 TRC_DATA20 (1) O Trace Data 20 W19 TRC_DATA21 (1) O Trace Data 21 Y18 TRC_DATA22 (1) O Trace Data 22 N16 AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 64 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |