| Electronic Components Datasheet Search |
|
AM2432BSDFHIALVR.B Datasheet(PDF) 89 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2432BSDFHIALVR.B Datasheet(HTML) 89 Page - Texas Instruments |
|
89 / 282 page ![]() Table 5-65. PRU_ICSSG1 Signal Descriptions (continued) SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] PRG1_PWM1_A0 IO PRU_ICSSG1 PWM Output A V10 AA8 PRG1_PWM1_A1 IO PRU_ICSSG1 PWM Output A AA11 W9 PRG1_PWM1_A2 IO PRU_ICSSG1 PWM Output A Y10 Y8 PRG1_PWM1_B0 IO PRU_ICSSG1 PWM Output B U10 Y9 PRG1_PWM1_B1 IO PRU_ICSSG1 PWM Output B Y11 V9 PRG1_PWM1_B2 IO PRU_ICSSG1 PWM Output B AA14 AA14 PRG1_PWM2_A0 IO PRU_ICSSG1 PWM Output A N16, W8 AA4 PRG1_PWM2_A1 IO PRU_ICSSG1 PWM Output A P17, W13 Y13 PRG1_PWM2_A2 IO PRU_ICSSG1 PWM Output A AA12, V21 U19, Y11 PRG1_PWM2_B0 IO PRU_ICSSG1 PWM Output B N17, Y8 AA5 PRG1_PWM2_B1 IO PRU_ICSSG1 PWM Output B U14, Y18 W13 PRG1_PWM2_B2 IO PRU_ICSSG1 PWM Output B R16, W12 V20, Y12 PRG1_PWM3_A0 IO PRU_ICSSG1 PWM Output A Y7 V4 PRG1_PWM3_A1 IO PRU_ICSSG1 PWM Output A AA7 Y2 PRG1_PWM3_A2 IO PRU_ICSSG1 PWM Output A V8 Y5 PRG1_PWM3_B0 IO PRU_ICSSG1 PWM Output B U8 W5 PRG1_PWM3_B1 IO PRU_ICSSG1 PWM Output B U13 V13 PRG1_PWM3_B2 IO PRU_ICSSG1 PWM Output B V13 U14 PRG1_RGMII1_RXC I PRU_ICSSG1 RGMII Receive Clock AA7 Y2 PRG1_RGMII1_RX_CTL I PRU_ICSSG1 RGMII Receive Control Y8 AA5 PRG1_RGMII1_TXC IO PRU_ICSSG1 RGMII Transmit Clock V9 W6 PRG1_RGMII1_TX_CTL O PRU_ICSSG1 RGMII Transmit Control Y9 Y7 PRG1_RGMII2_RXC I PRU_ICSSG1 RGMII Receive Clock U11 V10 PRG1_RGMII2_RX_CTL I PRU_ICSSG1 RGMII Receive Control W12 Y12 PRG1_RGMII2_TXC IO PRU_ICSSG1 RGMII Transmit Clock Y10 Y8 PRG1_RGMII2_TX_CTL O PRU_ICSSG1 RGMII Transmit Control Y11 V9 PRG1_RGMII1_RD0 I PRU_ICSSG1 RGMII Receive Data Y7 V4 PRG1_RGMII1_RD1 I PRU_ICSSG1 RGMII Receive Data U8 W5 PRG1_RGMII1_RD2 I PRU_ICSSG1 RGMII Receive Data W8 AA4 PRG1_RGMII1_RD3 I PRU_ICSSG1 RGMII Receive Data V8 Y5 PRG1_RGMII1_TD0 O PRU_ICSSG1 RGMII Transmit Data AA8 V5 PRG1_RGMII1_TD1 O PRU_ICSSG1 RGMII Transmit Data U9 W2 PRG1_RGMII1_TD2 O PRU_ICSSG1 RGMII Transmit Data W9 V6 PRG1_RGMII1_TD3 O PRU_ICSSG1 RGMII Transmit Data AA9 AA7 PRG1_RGMII2_RD0 I PRU_ICSSG1 RGMII Receive Data W11 AA10 PRG1_RGMII2_RD1 I PRU_ICSSG1 RGMII Receive Data V11 Y10 PRG1_RGMII2_RD2 I PRU_ICSSG1 RGMII Receive Data AA12 Y11 PRG1_RGMII2_RD3 I PRU_ICSSG1 RGMII Receive Data Y12 V12 PRG1_RGMII2_TD0 O PRU_ICSSG1 RGMII Transmit Data AA10 Y6 PRG1_RGMII2_TD1 O PRU_ICSSG1 RGMII Transmit Data V10 AA8 PRG1_RGMII2_TD2 O PRU_ICSSG1 RGMII Transmit Data U10 Y9 PRG1_RGMII2_TD3 O PRU_ICSSG1 RGMII Transmit Data AA11 W9 PRG1_UART0_CTSn I PRU_ICSSG1 UART Clear to Send (active low) U15 W16 PRG1_UART0_RTSn O PRU_ICSSG1 UART Request to Send (active low) U14 W13 PRG1_UART0_RXD I PRU_ICSSG1 UART Receive Data V14 Y16 PRG1_UART0_TXD O PRU_ICSSG1 UART Transmit Data W14 U13 (1) The PRG1_IEP0_EDIO_OUTVALID signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 89 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |