| Electronic Components Datasheet Search |
|
AM2432BSDFHIALVR.B Datasheet(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2432BSDFHIALVR.B Datasheet(HTML) 69 Page - Texas Instruments |
|
69 / 282 page ![]() Table 5-40. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] GPIO0_1 IO General Purpose Input/Output N21 M21 GPIO0_2 IO General Purpose Input/Output N19 P17 GPIO0_3 IO General Purpose Input/Output M19 L19 GPIO0_4 IO General Purpose Input/Output M18 N20 GPIO0_5 IO General Purpose Input/Output M20 L21 GPIO0_6 IO General Purpose Input/Output M21 N19 GPIO0_7 (2) IO General Purpose Input/Output P21 GPIO0_8 (2) IO General Purpose Input/Output P20 GPIO0_9 (2) IO General Purpose Input/Output N18 GPIO0_10 (2) IO General Purpose Input/Output M17 GPIO0_11 IO General Purpose Input/Output L19 L20 GPIO0_12 IO General Purpose Input/Output L18 M20 GPIO0_13 (2) IO General Purpose Input/Output K17 GPIO0_14 (2) IO General Purpose Input/Output L17 GPIO0_15 IO General Purpose Input/Output T20 R21 GPIO0_16 IO General Purpose Input/Output U21 R20 GPIO0_17 IO General Purpose Input/Output T18 T19 GPIO0_18 IO General Purpose Input/Output U20 V21 GPIO0_19 IO General Purpose Input/Output AA14 AA14 GPIO0_20 IO General Purpose Input/Output Y13 Y15 GPIO0_21 IO General Purpose Input/Output V20 T18 GPIO0_22 IO General Purpose Input/Output V21 U19 GPIO0_23 IO General Purpose Input/Output V19 U18 GPIO0_24 IO General Purpose Input/Output T17 U20 GPIO0_25 IO General Purpose Input/Output R16 V20 GPIO0_26 IO General Purpose Input/Output W20 W20 GPIO0_27 IO General Purpose Input/Output W21 Y20 GPIO0_28 IO General Purpose Input/Output V18 Y19 GPIO0_29 IO General Purpose Input/Output Y21 Y18 GPIO0_30 IO General Purpose Input/Output Y20 AA19 GPIO0_31 (2) IO General Purpose Input/Output R17 GPIO0_32 (2) IO General Purpose Input/Output P16 GPIO0_33 (2) IO General Purpose Input/Output R18 GPIO0_34 (2) IO General Purpose Input/Output T21 GPIO0_35 (2) IO General Purpose Input/Output P17 GPIO0_36 IO General Purpose Input/Output T19 P21 GPIO0_37 (2) IO General Purpose Input/Output W19 GPIO0_38 (2) IO General Purpose Input/Output Y18 GPIO0_39 (2) IO General Purpose Input/Output N16 GPIO0_40 (2) IO General Purpose Input/Output N17 GPIO0_41 (2) IO General Purpose Input/Output R19 GPIO0_42 (2) IO General Purpose Input/Output R20 GPIO0_43 (1) (2) IO General Purpose Input/Output P19 GPIO0_44 (1) (2) IO General Purpose Input/Output R21 GPIO0_45 IO General Purpose Input/Output Y7 V4 GPIO0_46 IO General Purpose Input/Output U8 W5 GPIO0_47 IO General Purpose Input/Output W8 AA4 GPIO0_48 IO General Purpose Input/Output V8 Y5 GPIO0_49 IO General Purpose Input/Output Y8 AA5 www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 69 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |