Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB09XE Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 48Page - STMicroelectronics STM32WB09XE Datasheet HTML 49Page - STMicroelectronics STM32WB09XE Datasheet HTML 50Page - STMicroelectronics STM32WB09XE Datasheet HTML 51Page - STMicroelectronics STM32WB09XE Datasheet HTML 52Page - STMicroelectronics STM32WB09XE Datasheet HTML 53Page - STMicroelectronics STM32WB09XE Datasheet HTML 54Page - STMicroelectronics STM32WB09XE Datasheet HTML 55Page - STMicroelectronics STM32WB09XE Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Table 38. RSTN pin characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit.
VIL(RSTN)
RSTN input low level voltage
-
-
-
0.3 x VDD
V
VIH(RSTN)
RSTN input high level voltage
-
0.7 x VDD
-
-
Vhys(RSTN)
RSTN Schmitt trigger voltage hysteresis
-
-
200
-
mV
RPU
Weak pull-up equivalent resistor
VIN=GND
25
40
55
kΩ
Figure 13. Recommended RSTN pin protection
1. The external reset circuit protects the device against parasitic resets.
2. The user must ensure that the level on the RSTN pin can go below the VIL(RSTN) max. level specified in the
table, otherwise the reset is not taken into account by the device.
3. The external capacitor on RSTN must be placed as close as possible to the device.
6.3.18
ADC characteristics
Table 39. ADC characteristics (HSI must be set to PLL mode)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Units
Ch_diff_num
Number of channels for
differential mode
VFQFPN32, WLCSP36
-
-
4
-
Ch_se_num
Number of channels for
single ended mode
VFQFPN32, WLCSP36
-
-
8
-
IBATADCBIAS
ADC biasing consumption at
battery
Biasing blocks turned on
-
145
-
µA
IBATADCACTIVE
ADC active consumption at
battery
ADC activated in differential mode
-
185
-
µA
VDDA
Analog supply voltage
-
1.2
-
1.32
V
RAIN
Input impedance
In DC
-
250
-
kΩ
Rin
Internal access resistance
VBOOST is enabled for VBAT < 2.7 V
-
-
550
Ω
Cin
Input sampling capacitor
-
-
4
-
pF
Ts
Sampling period
Default configuration
-
1
-
µs
Tsw
Sampling time
Default configuration
-
125
-
ns
DR
Output data rate
-
-
200
-
k samples/s
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 52/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com