Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB09XE Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 57Page - STMicroelectronics STM32WB09XE Datasheet HTML 58Page - STMicroelectronics STM32WB09XE Datasheet HTML 59Page - STMicroelectronics STM32WB09XE Datasheet HTML 60Page - STMicroelectronics STM32WB09XE Datasheet HTML 61Page - STMicroelectronics STM32WB09XE Datasheet HTML 62Page - STMicroelectronics STM32WB09XE Datasheet HTML 63Page - STMicroelectronics STM32WB09XE Datasheet HTML 64Page - STMicroelectronics STM32WB09XE Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
Table 46. WLCSP36 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
0.43
-
-
0.0168
A1
-
0.15
-
-
0.0059
-
A2
-
0.25
-
-
0.0098
-
A3(3)
-
0.025
-
-
0.0010
-
b(4)
0.19
0.22
0.24
0.0076
0.0086
0.0096
D
2.81
2.83
2.85
0.1108
0.1116
0.1124
E
2.97
2.99
3.01
0.1168
0.1176
0.1184
e
-
0.40
-
-
0.0157
-
e1
-
2.08
-
-
0.0818
-
e2
-
2.43
-
-
0.0957
-
F(5)
-
0.419
-
-
0.0164
-
G(5)
-
0.269
-
-
0.0106
-
H(5)
-
0.333
-
-
0.0131
-
K(5)
-
0.289
-
-
0.0113
-
N
36
aaa
-
-
0.10
-
-
0.004
bbb
-
-
0.10
-
-
0.004
ccc(6)
-
-
0.10
-
-
0.004
(7)
-
-
0.05
-
-
0.002
eee
-
-
0.05
-
-
0.002
1. Values in inches are converted from mm and rounded to 3 decimal digits.
2. The maximum total package height is calculated by the RSS method (root sum square) using nominal and tolerances values
of A1 and A2.
3. Back side coating. Nominal dimension is rounded to the 3rd decimal place resulting from process capability.
4. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
5. Calculated dimensions are rounded to the 3rd decimal place
6. Bump position designation per JESD 95-1, SPP-010. The tolerance of position that controls the location of the pattern of
balls with respect to datums X and Y. For each ball there is a cylindrical tolerance zone ccc perpendicular to datum Z and
located on true position with respect to datums X and Y as defined by e. The axis perpendicular to datum Z of each ball
must lie within this tolerance zone.
7. The tolerance of position that controls the location of the balls within the matrix with respect to each other. For each ball
there is a cylindrical tolerance zone ddd perpendicular to datum Z and located on true position as defined by e. The axis
perpendicular to datum Z of each ball must lie within this tolerance zone. Each tolerance zone ddd in the array is contained
entirely in the respective zone ccc above. The axis of each ball must lie simultaneously in both tolerance zones.
STM32WB09xE
Package information
DS14210 - Rev 6
page 61/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com