Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB09XE Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 16Page - STMicroelectronics STM32WB09XE Datasheet HTML 17Page - STMicroelectronics STM32WB09XE Datasheet HTML 18Page - STMicroelectronics STM32WB09XE Datasheet HTML 19Page - STMicroelectronics STM32WB09XE Datasheet HTML 20Page - STMicroelectronics STM32WB09XE Datasheet HTML 21Page - STMicroelectronics STM32WB09XE Datasheet HTML 22Page - STMicroelectronics STM32WB09XE Datasheet HTML 23Page - STMicroelectronics STM32WB09XE Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
3.17.2
Independent watchdog (IWDG)
The independent watchdog is based on a 12-bit downcounter and 8-bit prescaler. It is clocked from the LS clock
and it can operate in Deepstop mode. It can also be used as a watchdog to reset the device when a problem
occurs.
3.17.3
SysTick timer
This timer is dedicated to real-time operating systems, but could also be used as a standard down counter. It
features:
•
A 24-bit down counter
•
Autoreload capability
•
Maskable system interrupt generation when the counter reaches 0
3.18
Real-time clock (RTC)
The RTC is an independent BCD timer/counter. The RTC provides a time of day/clock/calendar with
programmable alarm interrupt. RTC includes also a periodic programmable wakeup flag with interrupt capability.
The RTC provides an automatic wakeup to manage all low power modes.
Two 32-bit registers contain seconds, minutes, hours (12- or 24-hour format), day (day of week), date (day of
month), month, and year, expressed in binary coded decimal format (BCD). The sub-second value is also
available in binary format. Compensations for 28-, 29- (leap year), 30-, and 31-day months are performed
automatically. Daylight saving time compensation can also be performed. Additional 32-bit registers contain the
programmable alarm sub seconds, seconds, minutes, hours, day, and date.
A digital calibration circuit with 0.95 ppm resolution is available to compensate for quartz crystal inaccuracy. After
power-on reset, all RTC registers are protected against possible parasitic write accesses. As long as the supply
voltage remains in the operating range, the RTC never stops, regardless of the device status (Run mode, low-
power mode or under system reset). The RTC counter does not freeze when CPU is halted by a debugger.
3.19
Inter-integrated circuit interface (I2C)
The STM3WB09xE embeds ONE I2C. The I2C bus interface handles communications between the
microcontroller and the serial I2C bus. It controls all I2C bus-specific sequencing, protocol, arbitration and timing.
The I2C peripheral supports:
•
I2C bus specification and user manual rev. 5 compatibilities:
–
Target and controller modes
–
Multicontroller capability
–
Standard-mode (Sm), with a bitrate up to 100 Kbit/s
–
Fast-mode (Fm), with a bitrate up to 400 Kbit/s
–
Fast-mode Plus (Fm+), with a bitrate up to 1 Mbit/s and 20 mA output driver I/Os
–
7-bit and 10-bit addressing mode
–
Multiple 7-bit target addresses (2 addresses, 1 with configurable mask)
–
All 7-bit address acknowledge mode
–
General call
–
Programmable setup and hold times
–
Easy to use event management
–
Optional clock stretching
–
Software reset
•
System management bus (SMBus) specification rev 2.0 compatibility:
–
Hardware PEC (packet error checking) generation and verification with ACK control
–
Address resolution protocol (ARP) support
–
Host and device support
–
SMBus alert
–
Timeouts and idle condition detection
•
Power system management protocol (PMBusTM) specification rev 1.1 compatibility
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 20/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com