Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS1100 Datasheet(PDF) 10 Page - Clarke International

Part # JS1100
Description  JUMPSTART
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1100 Datasheet(HTML) 10 Page - Clarke International

Back Button JS1100 Datasheet HTML 6Page - Clarke International JS1100 Datasheet HTML 7Page - Clarke International JS1100 Datasheet HTML 8Page - Clarke International JS1100 Datasheet HTML 9Page - Clarke International JS1100 Datasheet HTML 10Page - Clarke International JS1100 Datasheet HTML 11Page - Clarke International JS1100 Datasheet HTML 12Page - Clarke International JS1100 Datasheet HTML 13Page - Clarke International JS1100 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
storage position, then disconnect the Positive clamp from the battery
terminal, and restore to its storage position.
8. After use, always recharge the jump-start. If the battery is allowed to
remain in a discharged state, its life may be shortened.
9. Regularly check the charge level of the battery by pressing the TEST push-
button on the front panel.
USING AS A 12VOLT POWER SUPPLY
The jumpstart has two cigar lighter type sockets located on the front (see
page 6), that allows connection via a standard DC connector to other DC
electrical equipment/appliance.
WARNING: Be aware that a fully charged 12V battery can have an output of
approx.13.5V. Consult the appliance handbook to ensure it is safe to operate
from a 12V battery.
The table below indicates the approx. operating time from a fully charged
battery.
THE USB CONNECTION
The jumpstart has a USB socket located on the front (see page 6), that allows
connection via a standard USB connecting lead to small appliances such as
phones/MP3 players.
The USB socket will be live while the work light is on. The USB socket can also
be switched on without activating the work light by pressing the switch briefly
once.
ESTIMATED OPERATING PERIOD PROVIDED
WARNING: IT IS POSSIBLE THAT SOME ELECTRONIC EQUIPMENT COULD BE
DAMAGED BY JUMP STARTING. ALWAYS CHECK WITH THE CAR
MANUFACTURER’S HANDBOOK TO DETERMINE WHAT PRECAUTIONS IF
ANY SHOULD BE TAKEN.
Estimated Use
Electrical Appliance
30 hours
Mobile phones
21 hours
Radios, fans
12 hours
Cam-corder, VCR, Spotlight
7 hours
Electrical tools, bilge pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com