Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS1224LI Datasheet(PDF) 7 Page - Clarke International

Part # JS1224LI
Description  JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LI Datasheet(HTML) 7 Page - Clarke International

Back Button JS1224LI Datasheet HTML 3Page - Clarke International JS1224LI Datasheet HTML 4Page - Clarke International JS1224LI Datasheet HTML 5Page - Clarke International JS1224LI Datasheet HTML 6Page - Clarke International JS1224LI Datasheet HTML 7Page - Clarke International JS1224LI Datasheet HTML 8Page - Clarke International JS1224LI Datasheet HTML 9Page - Clarke International JS1224LI Datasheet HTML 10Page - Clarke International JS1224LI Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
USING THE MAINS CHARGER
1. Plug the charger into a mains power outlet.
2. Insert the charging connector into the Charging Input socket on the jump starter
control panel.
• The digital display will show “CHARGING BATTERY” and a reading of the
battery's percent of charge will be displayed.
• The display will show “100%” once the internal battery is fully charged.
3. When charging is complete, unplug the charger and disconnect it from the jump
starter.
4. Recharge the jump-start battery after every use if possible, or at least every 90
days.
5. Always avoid leaving your jump-start in a discharged state.
• Charging could take several hours, dependant upon the state of charge.
Keep the battery charged to ensure maximum life from the battery.
RUNNING/CHARGING USB DEVICES
The jump starter has two standard USB
ports providing up to 2A at 5V DC.
1. Press the Power Button.
• The screen will show the battery
level and “USB 12V ON”.
2. Plug the USB connector into the USB
output port on the front panel of the
jump starter.
3. Plug the appropriate connector on
the USB cable into the device.
4. Turn your device on if necessary.
5. When finished using, turn off your device and unplug it from the USB cable.
RUNNING/CHARGING DC APPLIANCES
The standard auxiliary outlet socket provides a continuous 12V DC output, at a
maximum of 10 Amps to power 12V DC devices such as tyre inflators, coolers etc.
1. Verify the jumpstarter is fully charged. Recharge if needed.
2. Make sure the appliance to be powered is turned off and its power requirements do
not exceed 10A.
3. Plug the appliance into the 12V auxillary outlet socket.
4. Turn on the appliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com