Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW016BB Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58BW016BB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016BB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58BW016BB Datasheet HTML 3Page - STMicroelectronics M58BW016BB Datasheet HTML 4Page - STMicroelectronics M58BW016BB Datasheet HTML 5Page - STMicroelectronics M58BW016BB Datasheet HTML 6Page - STMicroelectronics M58BW016BB Datasheet HTML 7Page - STMicroelectronics M58BW016BB Datasheet HTML 8Page - STMicroelectronics M58BW016BB Datasheet HTML 9Page - STMicroelectronics M58BW016BB Datasheet HTML 10Page - STMicroelectronics M58BW016BB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
7/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
Figure 2. Logic Diagram
Table 1. Signal Names
AI04155
A0-A18
L
DQ0-DQ31
VDD
M58BW016DT
M58BW016DB
E
VSS
RP
G
GD
VDDQ
W
WP
R
K
VPP
B
VSSQ
VDDQIN
M58BW016BT
M58BW016BB
A0-A18
Address inputs
DQ0-DQ7
Data Input/Output, Command Input
DQ8-DQ15
Data Input/Output, Burst Configuration
Register
DQ16-DQ31
Data Input/Output
B
Burst Address Advance
E
Chip Enable
G
Output Enable
K
Burst Clock
L
Latch Enable
R
Valid Data Ready (open drain output)
RP
Reset/Power-down
W
Write Enable
GD
Output Disable
WP
Write Protect
VDD
Supply Voltage
VDDQ
Power Supply for Output Buffers
VDDQIN
Power Supply for Input Buffers only
VPP
Optional Supply Voltage for Fast
Program and Fast Erase Operations
VSS
Ground
VSSQ
Input/Output Ground
NC
Not Connected Internally
DU
Don’t Use as Internally Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com