Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW016BB Datasheet(PDF) 6 Page - STMicroelectronics

Part # M58BW016BB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016BB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M58BW016BB Datasheet HTML 2Page - STMicroelectronics M58BW016BB Datasheet HTML 3Page - STMicroelectronics M58BW016BB Datasheet HTML 4Page - STMicroelectronics M58BW016BB Datasheet HTML 5Page - STMicroelectronics M58BW016BB Datasheet HTML 6Page - STMicroelectronics M58BW016BB Datasheet HTML 7Page - STMicroelectronics M58BW016BB Datasheet HTML 8Page - STMicroelectronics M58BW016BB Datasheet HTML 9Page - STMicroelectronics M58BW016BB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
6/63
SUMMARY DESCRIPTION
The M58BW016B/D is a 16Mbit non-volatile Flash
memory that can be erased electrically at the block
level and programmed in-system on a Double-
Word basis using a 2.7V to 3.6V VDD supply for the
circuit and a VDDQ supply down to 2.4V for the In-
put and Output buffers. Optionally a 12V VPP sup-
ply can be used to provide fast program and erase
for a limited time and number of program/erase cy-
cles.
The devices support Asynchronous (Latch Con-
trolled and Page Read) and Synchronous Bus op-
erations. The Synchronous Burst Read Interface
allows a high data transfer rate controlled by the
Burst Clock, K, signal. It is capable of bursting
fixed or unlimited lengths of data. The burst type,
latency and length are configurable and can be
easily adapted to a large variety of system clock
frequencies and microprocessors. All Writes are
Asynchronous. On power-up the memory defaults
to Read mode with an Asynchronous Bus.
The device has a boot block architecture with an
array of 8 parameter block of 64Kb each and 31
main blocks of 512Kb each. The parameter blocks
can be located at the top of the address space,
M58BW016BT, M58BW016DT or at the bottom,
M58BW016BB, M58BW016DB.
Program and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of
programming or erasing the memory by taking
care of all of the special operations that are re-
quired to update the memory contents. The end of
a Program or Erase operation can be detected and
any error conditions identified in the Status Regis-
ter. The command set required to control the
memory is consistent with JEDEC standards.
Erase can be suspended in order to perform either
Read or Program in any other block and then re-
sumed. Program can be suspended to Read data
in any other block and then resumed. Each block
can be programmed and erased over 100,000 cy-
cles.
All blocks are protected during power-up. The
M58BW016B features four different levels of block
protection to avoid unwanted program/erase oper-
ations. The WP pin offers an hardware protection
on two of the parameter blocks and all of the main
blocks. The Program and Erase commands can
be password protected by the Tuning Protection
command. All Program or Erase operations are
blocked when Reset, RP, is held low. The
M58BW016D offers the same protection features
with the exception of the Tuning Block Protection
which is disabled in the factory.
A Reset/Power-down mode is entered when the
RP input is Low. In this mode the power consump-
tion is lower than in the normal standby mode, the
device is write protected and both the Status and
the Burst Configuration Registers are cleared. A
recovery time is required when the RP input goes
High.
The memory is offered in PQFP80 (14 x 20mm)
and LBGA80 (1.0mm pitch) packages and it is
supplied with all the bits erased (set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com