Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW016BB Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58BW016BB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016BB Datasheet(HTML) 1 Page - STMicroelectronics

  M58BW016BB Datasheet HTML 1Page - STMicroelectronics M58BW016BB Datasheet HTML 2Page - STMicroelectronics M58BW016BB Datasheet HTML 3Page - STMicroelectronics M58BW016BB Datasheet HTML 4Page - STMicroelectronics M58BW016BB Datasheet HTML 5Page - STMicroelectronics M58BW016BB Datasheet HTML 6Page - STMicroelectronics M58BW016BB Datasheet HTML 7Page - STMicroelectronics M58BW016BB Datasheet HTML 8Page - STMicroelectronics M58BW016BB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1/63
May 2003
M58BW016BT, M58BW016BB
M58BW016DT, M58BW016DB
16 Mbit (512Kb x32, Boot Block, Burst)
3V Supply Flash Memories
PE4FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V for Program, Erase and
Read
–VDDQ = VDDQIN = 2.4V to 3.6V for I/O Buffers
–VPP = 12V for fast Program (optional)
s
HIGH PERFORMANCE
– Access Time: 80, 90 and 100ns
– 56MHz Effective Zero Wait-State Burst Read
– Synchronous Burst Reads
– Asynchronous Page Reads
s
HARDWARE BLOCK PROTECTION
–WP pin Lock Program and Erase
s
SOFTWARE BLOCK PROTECTION
– Tuning Protection to Lock Program and
Erase with 64 bit User Programmable Pass-
word (M58BW016B version only)
s
OPTIMIZED for FDI DRIVERS
– Fast Program / Erase suspend latency
time < 6µs
– Common Flash Interface
s
MEMORY BLOCKS
– 8 Parameters Blocks (Top or Bottom)
– 31 Main Blocks
s
LOW POWER CONSUMPTION
– 5µA Typical Deep Power Down
– 60µA Typical Standby
– Automatic Standby after Asynchronous Read
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code M58BW016xT: 8836h
– Bottom Device Code M58BW016xB: 8835h
Figure 1. Packages
BGA
LBGA80 (ZA)
10 x 8 ball array
PQFP80 (T)


Similar Part No. - M58BW016BB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
05-Oct-2007
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
logo
Micron Technology
M58BW016DB MICRON-M58BW016DB Datasheet
1Mb / 70P
16 Mbit (512 Kbit x 32, boot block, burst)
logo
STMicroelectronics
M58BW016DB70T3FF STMICROELECTRONICS-M58BW016DB70T3FF Datasheet
627Kb / 69P
16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
05-Oct-2007
M58BW016DB70T3FT STMICROELECTRONICS-M58BW016DB70T3FT Datasheet
627Kb / 69P
16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
05-Oct-2007
More results

Similar Description - M58BW016BB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800CT STMICROELECTRONICS-M28W800CT Datasheet
369Kb / 49P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
16-Dec-2002
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
25-Feb-2003
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
05-Nov-2004
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
23-Nov-2006
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
05-Oct-2007
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com