Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW128A Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58LW128A
Description  128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW128A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58LW128A Datasheet HTML 19Page - STMicroelectronics M58LW128A Datasheet HTML 20Page - STMicroelectronics M58LW128A Datasheet HTML 21Page - STMicroelectronics M58LW128A Datasheet HTML 22Page - STMicroelectronics M58LW128A Datasheet HTML 23Page - STMicroelectronics M58LW128A Datasheet HTML 24Page - STMicroelectronics M58LW128A Datasheet HTML 25Page - STMicroelectronics M58LW128A Datasheet HTML 26Page - STMicroelectronics M58LW128A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
23/65
M58LW128A, M58LW128B
Table 8. Burst Performance
X-Latency
Y-Latency
Bus Width
Clock Frequency
Mode
7
1
x16, x32
≤ 33 MHz
continuous only
8
continuous, length
9
7
2
continuous only
8
continuous, length
9
10
1
x16 only
≤ 50 MHz
continuous only
11
12
continuous, length
13
10
2
continuous only
11
12
continuous, length
13
13
2(M9=0)
x16, x32
≤ 66 MHz
continuous only
15
continuous, length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com