Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW128A Datasheet(PDF) 59 Page - STMicroelectronics

Part # M58LW128A
Description  128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW128A Datasheet(HTML) 59 Page - STMicroelectronics

Back Button M58LW128A Datasheet HTML 55Page - STMicroelectronics M58LW128A Datasheet HTML 56Page - STMicroelectronics M58LW128A Datasheet HTML 57Page - STMicroelectronics M58LW128A Datasheet HTML 58Page - STMicroelectronics M58LW128A Datasheet HTML 59Page - STMicroelectronics M58LW128A Datasheet HTML 60Page - STMicroelectronics M58LW128A Datasheet HTML 61Page - STMicroelectronics M58LW128A Datasheet HTML 62Page - STMicroelectronics M58LW128A Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
59/65
M58LW128A, M58LW128B
Figure 27. Erase Flowchart and Pseudo Code
Note: 1. If an error is found, the Status Register must be cleared (Clear Status Register Command) before further Program or Erase oper-
ations.
Write 20h
AI00613C
Start
Write D0h to
Block Address
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
YES
b4, b5 = 1,1
VPP Invalid
Error (1)
Command
Sequence Error
Erase command:
– write 20h
– write D0h to Block Address
(A12-A17)
(memory enters read Status
Register after the Erase command)
do:
– read status register
– if Program/Erase Suspend command
given execute suspend erase loop
while b7 = 1
If b3 = 1, VPP invalid error:
– error handler
If b4, b5 = 1,1 Command Sequence error:
– error handler
NO
NO
b5 = 0
Erase
Error (1)
YES
NO
Suspend
Suspend
Loop
If b5 = 1, Erase error:
– error handler
YES
End
YES
NO
b1 = 0
Erase to Protected
Block Error
If b1 = 1, Erase to Protected Block Error:
– error handler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com