Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW128A Datasheet(PDF) 60 Page - STMicroelectronics

Part # M58LW128A
Description  128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW128A Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M58LW128A Datasheet HTML 56Page - STMicroelectronics M58LW128A Datasheet HTML 57Page - STMicroelectronics M58LW128A Datasheet HTML 58Page - STMicroelectronics M58LW128A Datasheet HTML 59Page - STMicroelectronics M58LW128A Datasheet HTML 60Page - STMicroelectronics M58LW128A Datasheet HTML 61Page - STMicroelectronics M58LW128A Datasheet HTML 62Page - STMicroelectronics M58LW128A Datasheet HTML 63Page - STMicroelectronics M58LW128A Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
M58LW128A, M58LW128B
60/65
Figure 28. Erase Suspend & Resume Flowchart and Pseudo Code
Write 70h
AI00615
Read Status
Register
YES
NO
b7 = 1
YES
NO
b6 = 1
Erase Continues
Write FFh
Program/Erase Suspend Command:
– write B0h
– write 70h
do:
– read status register
while b7 = 1
If b6 = 0, Erase completed
Read Memory Array command:
– write FFh
– one o more data reads
from other blocks
Write D0h
Read data from
another block
or Program
Start
Write B0h
Erase Complete
Write FFh
Read Data
Program/Erase Resume command:
– write D0h to resume the Erase
operation
– if the Program operation completed
then this is not necessary. The device
returns to Read mode as normal
(as if the Program/Erase suspend
was not issued).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com