Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1413CMP10 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
17
12.Register Maps
The registers are accessible through the SMBus (or I2C). An entry of “Reserved” indicates that the bit is not used
and will always read “0”.
Addr. R/W
Register Name
Function Description
Default
Value
00h
R
Internal data high byte
Stores the integer data for the internal BJT
00h
01h
R
External channel 1
data high byte
Stores the integer data for external channel 1
00h
02h
R
Status
Stores the status bits for the internal BJT and external BJTs
00h
(or 80h)
03h
R/W
Configuration
Controls the general operation of the device
(mirrored at address 09h)
00h
04h
R/W
Conversion rate
Controls the conversion rate for updating temperature data
(mirrored at address 0Ah)
06h
(4/sec)
05h
R/W
Internal High Limit
Stores the 8-bit High Limit for the internal BJT
(mirrored at address 0Bh)
55h
(85°C)
06h
R/W
Internal Low Limit
Stores the 8-bit Low Limit for the internal BJT
(mirrored at address 0Ch)
00h
(0°C)
07h
R/W
External channel 1
High Limit high byte
Stores the integer data of the High Limit for external channel 1
(mirrored at register 0Dh)
55h
(85°C)
08h
R/W
External channel 1
Low Limit high byte
Stores the integer data of the Low Limit for external channel 1
(mirrored at register 0Eh)
00h
(0°C)
09h
R/W
Configuration
Controls the general operation of the device
(mirrored at address 03h)
00h
0Ah
R/W
Conversion rate
Controls the conversion rate for updating temperature data
(mirrored at address 04h)
06h
(4/sec)
0Bh
R/W
Internal High Limit
Stores the 8-bit High Limit for the internal BJT
(mirrored at address 05h)
55h
(85°C)
0Ch
R/W
Internal Low Limit
Stores the 8-bit Low Limit for the internal BJT
(mirrored at address 06h)
00h
(0°C)
0Dh
R/W
External channel 1
High Limit high byte
Stores the integer data of the High Limit for external channel 1
(mirrored at register 07h)
55h
(85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com