Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1413CMP10 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
3
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic
charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses
sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Rating
Unit
HBM
Human-body model. JEDEC: JS-001
±8
kV
CDM
Charged-device model. JEDEC: JS-002
±2
kV
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal resistance
is, the lower the heat loss. Accumulation of heat energy degrades the performance of semiconductor
components.
Symbol
Metric
Value
Unit
MSOP-10
DFN-10
RθJA
Junction-to-ambient thermal resistance
132.2
77.1
°C/W
6. Electrical Characteristics
VDD = 3.0 V to 3.6 V, TA = -40°C to 125°C, all typical values at TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power
VDD
Supply voltage
3.0
3.3
3.6
V
IDD
Supply current
1 conv./sec, dynamic averaging disabled
270
µA
4 conv./sec, dynamic averaging enabled
600
16 conv./sec,
dynamic averaging enabled
710
IDD
Standby supply current
Device in standby mode, no SMBus
communications,
______
ALERT and
______
THERM/ADDR pins are not asserted.
120
µA
Internal temperature monitor
Temperature inaccuracy
20°C < TA < 110°C
±0.5
±1
°C
-40°C < TA < 125°C
±1
±2
Temperature resolution
0.0625
°C
External temperature monitor
Temperature inaccuracy
20°C < TEXT < 110°C, TA = 25°C
±0.5
±1
°C
-40°C < TEXT < 125°C, TA = 25°C
±1
±2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com