Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20871ST5 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20871ST5
Description  Push-Pull Output Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20871ST5 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20871ST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DIO2087X
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO2087X• Rev. 1.1
Physical Dimensions: SOP-14
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
1.35
1.60
1.75
A1
0.10
0.15
0.25
A2
1.25
1.45
1.65
A3
0.55
0.65
0.75
b
0.36
-
0.49
b1
0.35
0.40
0.45
c
0.17
-
0.25
c1
0.17
0.20
0.23
D
8.53
8.63
8.73
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
1.17
1.27
1.37
L
0.45
0.60
0.80
L1
1.04 REF
L2
0.25 BSC
R
0.07
-
-
R1
0.07
-
-
h
0.30
0.40
0.50
θ
0°
-
8°
θ1
6°
8°
10°
θ2
6°
8°
10°
θ3
5°
7°
9°
θ4
5°
7°
9°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com