Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20871ST5 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20871ST5
Description  Push-Pull Output Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20871ST5 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20871ST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev 1.1
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO2087X• Rev. 1.1
DIO2087X
Micro-power CMOS input RRIO 1.4 V Push-Pull Output
Comparator
Features
Ultra low power consumption:
1.35 μA (Typ) at V+ = 1.4 V
Wide supply voltage range: 1.4 to 5.5 V
Propagation delay: 1.1 μs (Typ) at V+ = 1.4 V
Push-pull output current drive:
25 mA (Typ) at V+ = 5 V
Rail-to-rail input
-40°C to 85°C operating temperature range
Available in the Green SOT23-5, SC70-5,
SOIC-8,MSOP-8, DFN-8, SOP-14 and
TSSOP-14 Packages
Applications
RC timers
Window detectors
IR receiver
Multivibrators
Alarm and monitoring circuits
Descriptions
The DIO2087X is an ultra low-power comparator
with a typical power supply current of 1.35 μA. It
has the best-in-class power supply current versus
propagation delay performance. The propagation
delay is as low as 1.1 μs with 100 mV overdrive at
1.4 V supply.
Designed to operate over a wide range of supply
voltages, from 1.4 to 5.5 V, with guaranteed
operation at 1.4 V, 2.5 V and 5.0 V, the DIO2087X is
ideal for use in a variety of battery-powered
applications. With rail-to-rail common mode
voltage range, the DIO2087X is well suited for
single-supply operation.
Featuring a push-pull output stage, the DIO2087X
allows for operation with absolute minimum power
consumption when driving any capacitive or
resistive load.
DIO2087X is available in the Green SOT23-5,
SC70-5, SOIC-8, MSOP-8, DFN-8, SOP-14 and
TSSOP-14 packages. The DIO2087X is ideal for use
in handheld electronics and mobile phone
applications. It is rated over the -40°C to 85°C
temperature range
Ordering Information
Order Part Number
Top
Marking
MSL
RoHS
TA
Package
DIO20871ST5
YW71
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO20871SC5
YW71
3
Green
-40 to 85°C
SC70-5
Tape & Reel, 3000
DIO20871ASC5
W71A
3
Green
-40 to 85°C
SC70-5
Tape & Reel, 3000
DIO20871AST5
W71A
3
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO20872SO8
D20872
3
Green
-40 to 85°C
SOIC-8
Tape & Reel, 2500
DIO20872MP8
D20872
3
Green
-40 to 85°C
MSOP-8
Tape & Reel, 3000
DIO20872DH8
8GYW
1
Green
-40 to 85°C
DFN1.6x1.6-8
Tape & Reel, 3000
DIO20874CS14
D20874
3
Green
-40 to 85°C
SOP-14
Tape & Reel, 2500
DIO20874TP14
D20874
3
Green
-40 to 85°C
TSSOP-14
Tape & Reel, 2500
DIO20875SO8
D20875
3
Green
-40 to 85°C
SOIC-8
Tape & Reel, 2500
DIO20875MP8
D20875
3
Green
-40 to 85°C
MSOP-8
Tape & Reel, 3000


Similar Part No. - DIO20871ST5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20871B DIOO-DIO20871B Datasheet
1Mb / 11P
Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator
Rev 1.2
DIO20871BCN4 DIOO-DIO20871BCN4 Datasheet
1Mb / 11P
Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator
Rev 1.2
DIO20871BST5 DIOO-DIO20871BST5 Datasheet
1Mb / 11P
Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator
Rev 1.2
More results

Similar Description - DIO20871ST5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Intersil Corporation
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
Nano Power, Push/Pull Output Comparator
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
Nano Power, Push/Pull Output Comparator
July 12, 2012
logo
Texas Instruments
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Renesas Technology Corp
ISL28915 RENESAS-ISL28915 Datasheet
582Kb / 10P
Nano Power, Push/Pull Output Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com