Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20871ST5 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20871ST5
Description  Push-Pull Output Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20871ST5 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20871ST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20871ST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DIO2087X
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO2087X• Rev. 1.1
Pin Description
Pin name
Description
OUTX
Output
V-
Negative supply
+INX
Positive Input
-INX
Negative Input
V+
Positive supply
LE
Enable
OUT
Negative output
NC
No connect
EP
Not internally connect to GND. Recommend to connect to a large ground
plane for improved thermal performance
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods
may affect device reliability.
Symbol
Parameter
Rating
Unit
Supply voltage ( V+ – V-)
7.5
V
Input voltage
(V-)-0.5 to (V+)+0.5V
V
Difference input voltage
±2.5V
V
TA
Operating temperature range
-40 to 85
°C
TSTG
Storage temperature range
-55 to 150
°C
TJ
Junction temperature
160
°C
TL
Lead temperature range
260
°C
ESD
HBM, JEDEC: JESD22-A114
4000
V
CDM, JEDEC: JESD22-C101
400
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal
performance to the datasheet specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum
Ratings.
Symbol
Parameter
Rating
Unit
Supply voltage
1.4 to 5.5
V
TA
Operating temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com