Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO3011FD6 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3011FD6
Description  Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3011FD6 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO3011FD6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DIO3011
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
2.5 GHz High Bandwidth, Low Voltage SPDT
Analog Switch
Features
Super high bandwidth (-3 dB): 2.5 GHz
VCC operation at 2.3 V to 5.5 V
Low CON: 2.5 pF (typ.)
Low RON: 5.5 Ω (typ.)
Low power consumption: 1 μA (max.)
Low ICCT : 0.5 μA (typ.) at VCNTRL = 1.8 V,
VCC = 3.6 V
Power-off/on protection on common port
Applications
Mobile phone
Portable equipment
Computer
Battery powered communications
Package Information
Part Number
Package
Body Size
DIO3011
DFN-6
0.9 mm × 1.1 mm
1.0 mm × 1.45 mm
Description
The DIO3011 is a low power, 2.5 GHz high
bandwidth, single pole double throw analog switch,
which is designed to operate from a single 2.3 V to
5.5 V supply. The DIO3011 offers excellent -3dB
bandwidth and low ON resistance,which can be used
as analog switch in multiple application.
The DIO3011 is available in the green packages:
DFN0.9*1.1-6 and DFN1.0*1.45-6.
Simplified Schematic


Similar Part No. - DIO3011FD6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO31308 DIOO-DIO31308 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO31308CT16 DIOO-DIO31308CT16 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO31308PN16 DIOO-DIO31308PN16 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO3157E DIOO-DIO3157E Datasheet
922Kb / 10P
Analog Switch
Rev 1.5
DIO3157ESC6 DIOO-DIO3157ESC6 Datasheet
922Kb / 10P
Analog Switch
Rev 1.5
More results

Similar Description - DIO3011FD6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com