Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO3011FD6 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3011FD6
Description  Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3011FD6 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO3011FD6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DIO3011
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
5. DC Electrical Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
Min
Typ
Max Unit
VIH
Input voltage high
3.0 to 3.6
0.85
V
VIL
Input voltage low
3.0 to 3.6
0.35
V
IIN
Control input leakage
VSW = 0 to VCC
3.6
-2
2
μA
IOZ
Off-state leakage
0 ≤ A, Bn ≤ 3.6 V
3.6
-1
1
μA
IOFF
Power-off leakage current
(all common ports)
VSW = 0 V to 3.6 V, see Figure 7
0
-1
1
μA
RON
ON-state resistance
VSW = 0.4 V, ION = 8 mA,
see Figure 6
3.3
5.5
8
Ω
ΔRON
ON-state resistance match
between B0 and B1 paths
VSW = 0.4 V, ION = 8 mA
3.3
0.1
Ω
ICC
Quiescent supply current
VCNTRL = 0 or VCC
3.6
0.4
1
μA
ICCT
Increase in ICC current per
control voltage and VCC
VCNTRL = 1.8 V
3.6
0.5
1
μA
Note:
(1) Specifications subject to change without notice.
6. AC Electrical Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
Min
Typ
Max
Unit
tON
Turn-on time (S to B0)
RL = 50 Ω, CL = 5 pF,
VSW = 0.8 V, see Figure 12
3.0 to 3.6
1.5
μs
Turn-on time (S to B1)
50
ns
tOFF
Turn-off time (S to B0)
RL = 50 Ω, CL = 5 pF,
VSW = 0.8 V, see Figure 12
3.0 to 3.6
9.8
ns
Turn-off time (S to B1)
1.5
μs
tPD
Propagation delay
RL = 50 Ω, CL = 5 pF
3.3
0.25
ns
tBBM
Break-before-make
RL = 50 Ω, CL = 5 pF, VSW = 0.8 V,
see Figure 11
3.0 to 3.6
43
ns
OIRR
Off isolation
RL = 50 Ω, f = 240 MHz,
see Figure 10
3.0 to 3.6
-37
dB
BW
-3dB bandwidth
RL = 50 Ω, CL = 0 pF, see Figure 9
3.0 to 3.6
2.5
GHz
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com