Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO3011FD6 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3011FD6
Description  Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3011FD6 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO3011FD6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO3011FD6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DIO3011
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
7. Capacitance
Symbol
Parameter
Conditions
Min
Typ Max Unit
CIN (1)
Control pin input
capacitance
VCC = 0 V, TA = 25°C
1.2
pF
CON
On capacitance (A)
VCC = 3.3 V, f = 240 MHz, TA = 25°C, see Figure 8
2.5
COFF
Off capacitance (Bn)
VCC = 3.3 V, TA = 25°C, see Figure 8
1.6
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.
8. Typical Characteristics
Figure 2. -3dB bandwidth
Figure 3. Supply current vs. Temperature
Figure 4. RON vs. Temperature
Figure 5. Off-isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com