Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4BT6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CLT3-4BT6
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 1 Page - STMicroelectronics

  CLT3-4BT6 Datasheet HTML 1Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2007
Rev 5
1/13
CLT3-4B
Current limited over-voltage protected quad digital termination
Features
■ 4 channel topology
■ Wide range input dc Voltage:
–VI= - 0.3 to 30 V with RI = 0
–VI = - 30 to 30 V with RI = 1.8 kΩ
– Low side configuration with common
ground
■ Current limiter:
–IGEN = 3 mA
– Input current limiter activation voltage < 5 V
– Temperature compensated operation
■ Opto-coupler drive:
– No coupler activation below 1.5 mA input
current
■ Input protection (RI = 1.2 kΩ):
– IEC 61000-4-2 electrostatic discharge
ESD, Class 3
In contact, ± 6 kV; in air, ± 8 kV
Level B: temporary disruption; no
change of opto-coupler state
– IEC 61000-4-5 voltage surge, Class 3
± 1000 V with 42
Ω serial resistor in
differential mode
Level B: temporary disruption
– IEC 61000-4-4 transient burst immunity
± 4 kV peak voltage; 5 kHz repetitive
rate
Level A: fully functional
■ Operating ambient temperature: - 25 to 85° C
Benefits
■ Reduced overall dissipation
■ Compact with high integration
■ Enables input to meet type 1 and 3
characteristic of IEC 61131-2 standard
■ Compatible operation with 2 and 3 wires
proximity sensor according EN60947-5-2
standard
■ Insensitive to the on state sensor impedance
■ Surface mount package for highly automated
assembly
■ Enhanced functional reliability
Applications
■ Industrial automation
■ Programmable logic controller
■ Communication field bus nodes
■ Peripheral input / output modules
■ Machine tool interface
Description
The CLT3-4 is a quadruple input digital
termination device designed for 24 V dc
automation applications. It provides the front-end
circuitry of a digital input module (I/O) in industrial
automation, and drives an isolating opto-coupler.
Figure 1.
Pin configuration
TSSOP20
COM
IN
ESD12
IN2
VC
OUT1
OUT2
OUT4
OUT3
COM34
COM
COM
COM12
COM
COM
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
COM
ESD34
IN3
IN4
ESDC
The pins ESD, COMIJ, COM (pins # 1, 3, 6, 8, 10, 11,
13, 15, 16, 18, 20) must be connected together
externally. This common pad COM is enlarged to
reduce the thermal resistance and improve the device
cooling. The COM and IN pins are designed to
minimize the EMI effects on the circuit.
www.st.com


Similar Part No. - CLT3-4BT6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
99Kb / 10P
CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
Aug-2002
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
CLT3-4BT6-TR STMICROELECTRONICS-CLT3-4BT6-TR Datasheet
99Kb / 10P
CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
Aug-2002
CLT3-4BT6-TR STMICROELECTRONICS-CLT3-4BT6-TR Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
More results

Similar Description - CLT3-4BT6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
99Kb / 10P
CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
Aug-2002
PCLT-2A STMICROELECTRONICS-PCLT-2A Datasheet
569Kb / 18P
Dual current limited over-voltage protected digital termination
16-Nov-2005
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
CLT3-4B STMICROELECTRONICS-CLT3-4B_07 Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
The serial current limited termination device
22-Feb-2010
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
High speed protected digital termination array
23-Apr-2013
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
Infineon Technologies A...
AUIRS2127S INFINEON-AUIRS2127S Datasheet
1Mb / 24P
Over Current Protected Single Channel Driver
June 12th, 2012
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
Load Switch IC with Over current limited function
2022-06-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com