Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4BT6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CLT3-4BT6
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 2 Page - STMicroelectronics

  CLT3-4BT6 Datasheet HTML 1Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
CLT3-4B
2/13
1
Characteristics
Figure 2.
Functional block diagram
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VCC
VC
Supply steady state voltage, RC = 0 kΩ
- 0.3 to 30
V
Supply steady state voltage, RC = 4.7 kΩ
- 30 to 30
V
VI
(1)
1.
VI = VIN + RI x IIN; VIN = voltage at the input pin itself
IN
Input steady state voltage, RI = 0 kΩ
- 0.3 to 30
V
Input steady state voltage, RI = 1.2 kΩ
- 0.3 to 32
V
Input repetitive pulse voltage, RI = 1.2 kΩ
- 0.3 to 35
V
Input repetitive pulse voltage,
RI = 1.8 kΩ, RC = 4.7 kΩ
(2)
2.
According to test diagram and design recommendations described in Section 2.2.
- 30 to 30
V
IIN
IN
Input maximum forward current,
RI = 1.2 kΩ, RC = 4.7 kΩ
5
mA
Input maximum reverse current,
RI = 1.8 kΩ, RC = 4.7 kΩ
(2)
20
mA
VOM
OUT
Maximum output steady state voltage
2.5
V
IOM
OUT
Output current
- 4 to 4
mA
TAMB
AII
Operating ambient temperature
- 25 to 85
° C
TJ
Operating and storage junction temperature
- 25 to 150
° C
ESD34
COM34
IN4
ESD
Volt Prot
Vc
COM
TO COMPARATORS
ESDC
BIASING
CIRCUIT
ESD12
COM12
OPTO COUPLER DRIVER
ESD
OVER
VOLTAGE
PROTECTION
IN1
OUT1
I1
I1
1.5mA
0.75xILIM
0.25xILIM
OPTO COUPLER DRIVER
OUT2
CURRENT LIMITER ILIM
ESD
OVER
VOLTAGE
PROTECTION
0.25xILIM
0.75xILIM
1.5mA
I2
CURRENT LIMITER ILIM
I2
IN2
IN3
ESD
OVER
VOLTAGE
PROTECTION
I3
OPTO COUPLER DRIVER
0.75xILIM
0.25xILIM
CURRENT LIMITER ILIM
OUT3
I3
1.5mA
0.25xILIM
0.75xILIM
ESD
OVER
VOLTAGE
PROTECTION
CURRENT LIMITER ILIM
OPTO COUPLER DRIVER
1.5mA
I4
OUT4
I4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com