Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4BT6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CLT3-4BT6
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 5 Page - STMicroelectronics

  CLT3-4BT6 Datasheet HTML 1Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CLT3-4B
Characteristics
5/13
The current limiting circuit connected between the input and the output pins is compensated
all over the temperature range. Thanks to its low tolerance, the current limitation allows
reducing drastically the dissipation of the input compared to a resistive input: the overall
module requires less cooling capability and becomes smaller.
The output block of each termination channel controls the operation of an opto-coupler that
is enabled by a Light Emitting Diode.
When the input current is less than 1.5 mA, this output circuit derivates the input current to
maintain the opto-coupler off.
The original structure of the CLT limiter allows its activation threshold to be low and
insensitive to the output voltage up to a maximum value of 2.0 V.
When the CLT input voltage VIN is higher than 5 V, or the module input voltage Vi higher
than 11 V and a series resistor RI = 1.2 kΩ, the output current that is a share of the input
current (3/4) is higher than 1.5 mA. The whole termination channel including the opto-
coupler is on.
Depending on the input type operation that is described by the IEC 61131-2 standard, the
input resistance RI can be adjusted because of the different on-state threshold VON MIN.
This document describes operation and characteristics for type 3 operation with
VON MIN = 11 V and RI = 1.2 kΩ.
In type 1 operation the on state threshold VON MIN is 12.34 V instead, and the input resistor
RI is set 2.2 kΩ.
1.2
Input characteristics of CLT3-4
Figure 4.
Typical input characteristics of each CLT3-4 channel
30
25
20
15
10
5
0
30
5
3.7
0
0.5
1
1.5
2
2.5
3
3.5
4
V (V)
IN
I (mA)
IN
Off-state
On-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com