Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6001CD6 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6001CD6
Description  High-Efficiency 1.5MHz, 1A Output Synchronous Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6001CD6 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6001CD6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DIO6001
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO6001• Rev. 1.4
Pin Assignments
DFN-6
SOT23-5
Figure 1 Pin Assignment (Top View)
Pin Definitions
Pin Name
Description
EN
Enable control. Pull high to turn on. Do not float.
GND
Power Ground.
LX
Inductor pin. Connect this pin to the switching node of inductor.
VIN
Power Input.
FB
Output Feedback Pin. Connect this pin to the center point of the output resistor divider
(as shown in Figure 1) to program the output voltage:
VOUT=0.6*(1+R1/R2).Add optional C1 (10pF~47pF) to speed up the transient response.
NC
No connect.
GND
2
3
6
5
4
VIN
NC
EN
GND
LX
1
FB
1
2
3
4
5
VIN
GND
EN
LX
FB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com