Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6001CD6 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6001CD6
Description  High-Efficiency 1.5MHz, 1A Output Synchronous Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6001CD6 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6001CD6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6001CD6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DIO6001
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO6001• Rev. 1.4
Electrical Characteristics
VIN = 5V, VOUT = 1.8V, L = 2.2µH, COUT = 10µF, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
2.5
5.5
V
IQ
Quiescent Current
IOUT=0
40
µA
ISHDN
Shutdown Current
EN=0
0.1
1
µA
VREF
Feedback Reference Voltage
0.588
0.6
0.612
V
RDS(ON),P
PFET RON
230
mΩ
RDS(ON),N
NFET RON
170
mΩ
ILIM
PFET Current Limit
1.8
A
VENH
EN Rising Threshold
1.5
V
VENL
EN Falling Threshold
0.4
V
VUVLO
Input UVLO Threshold
2.4
V
VHYS
UVLO Hysteresis
0.3
V
FOSC
Oscillator Frequency
IOUT=500mA,
1.5
MHz
Min ON Time
80
ns
Max Duty Cycle
100
%
TSS
Soft Start Time
1
ms
TSD
Thermal Shutdown Temperature
150
°C
THYS
Thermal Shutdown Hysteresis
20
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com