Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6001CD6 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6001CD6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6001CD6
Download  DIO6001CD6 Download
File Size   540.76 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 1.5MHz, 1A Output Synchronous Step Down Converter

DIO6001CD6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6001CD6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6001CD6
Download  DIO6001CD6 Click to download

File Size   540.76 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 1.5MHz, 1A Output Synchronous Step Down Converter

DIO6001CD6 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6001CD6 Product details

Features
Low RDS(ON) for internal switches (top/bottom)
230mΩ/170mΩ, 1.0A
2.5-5.5V input voltage range
40μA typical quiescent current
High light load efficiency
High switching frequency 1.5MHz minimizes
the external components
Internal soft start limits the inrush current
100% dropout operation
Green package:
SOT23-5, DFN-6 is pin compatible
Applications
Portable Navigation Device
Set Top Box
USB Dongle
Media Player
Smart phone
Descriptions
The DIO6001 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 1A output currents.
The DIO6001 family operate over a wide input
voltage range from 2.5V to 5.5V and integrate
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
Low output voltage ripple and small external
inductor and capacitor sizes are achieved with
greater than 1.5MHz switching frequency.




Similar Part No. - DIO6001CD6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO60010-A DIOO-DIO60010-A Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010ASH3 DIOO-DIO60010ASH3 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010AST5 DIOO-DIO60010AST5 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010AST6 DIOO-DIO60010AST6 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010DN6 DIOO-DIO60010DN6 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
More results


Similar Description - DIO6001CD6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com