Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905CSH3 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905CSH3
Description  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905CSH3 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6905CSH3 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DIO6905C
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905C • Rev. 1.1
- 9 -
Detailed Description
The DIO6905C uses constant on-time control with input voltage feed-forward to stabilize the switching frequency
over its full input voltage range. It achieves 2 A of output current from a 2.3 V to 5.5 V input voltage range with
excellent load and line regulation. The output voltage can be regulated as low as 0.6 V.
Constant-on-time control
When compared to fixed-frequency PWM control, COT control offers a simpler control loop and faster transient
response. By using input voltage feed-forward, the DIO6905C maintains a nearly constant switching frequency
across the input and output voltage ranges. The switching pulse on time can be estimated with Equation (1):
t
*0.606us
OUT
ON
IN
V
V
(1)
To prevent inductor current runaway during the load transient, the DIO6905C has a fixed minimum off time of
60 ns.
Enable (EN)
When the input voltage is greater than the under-voltage lockout (UVLO) threshold (typically 2.1 V), the
DIO6905C can be enabled by pulling EN higher than 1.2 V. Leaving EN floating or pulling it down to ground
disables the DIO6905C. There is an internal 1 MΩ resistor from EN to ground.
When the DIO6905C is disabled, the part goes into output discharge mode automatically. The internal discharge
MOSFET provides a resistive discharge path for the output capacitor.
Soft-start
The DIO6905C has a built-in soft-start that ramps up the output voltage at a constant slew rate that avoids
overshooting at startup. The soft- start time is typically about 0.6 ms.
Current limit
The DIO6905C has the 2.4 A current limit for the HS-FET. When the HS-FET hits its current limit, the DIO6905C
enters current limit mode until the current drops to prevent the inductor current from rising and possibly damaging
the components.
Short circuit protection and recovery
The DIO6905C enters short-circuit protection (SCP) mode when it reaches the current limit and attempts to
recover from the short circuit by entering hiccup mode. In SCP, the DIO6905C disables the output power stage,
discharges the soft-start capacitor, and then enacts a soft-start procedure. If the short-circuit condition still holds
after the soft start ends, the DIO6905C repeats this cycle until the short circuit disappears and the output rises
back to regulation levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com