Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905CSH3 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905CSH3
Description  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905CSH3 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6905CSH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DIO6905C
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905C • Rev. 1.1
- 12 -
Selecting the output capacitor
The output capacitor (C2) stabilizes the DC output voltage. Ceramic capacitors are recommended. Use low ESR
capacitors to limit the output voltage ripple. Estimate the output voltage ripple with Equation (8):
)
2
*
f
*
8
1
(
*
)
1
(
*
*
f
1
S
C
R
V
V
L
V
V
S
ESR
IN
OUT
OUT
OUT
△
(8)
Where L1 is the inductor value and RESR is the equivalent series resistance (ESR) value of the output capacitor.
When using ceramic capacitors, the capacitance dominates the impedance at the switching frequency, and
causes most of the output voltage ripple. For simplification, the output voltage ripple can be estimated with
Equation (9):
)
1
(
*
2
*
*
f
*
8
1
2
S
IN
OUT
OUT
OUT
V
V
C
L
V
V
△
(9)
For tantalum or electrolytic capacitors, the ESR dominates the impedance at the switching frequency. For
simplification, the output ripple can be approximated with Equation (10):
ESR
IN
OUT
OUT
OUT
R
V
V
L
V
V
*
)
1
(
*
*
f
1
S
△
(10)
The characteristics of the output capacitor also affect the stability of the regulation system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com