Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905CSH3 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905CSH3
Description  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905CSH3 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6905CSH3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO6905CSH3 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DIO6905C
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905C • Rev. 1.1
- 13 -
PCB layout recommendation
Efficient PCB layout is critical for stable operation. For the high-frequency switching converter, a poor layout
design can result in poor line or load regulation and stability issues. For best results, refer to Figure 20 and follow
the guidelines below.
(1) Place the high-current paths (GND, IN, and SW) as close to the device as possible with short, direct, and
wide traces.
(2) Keep the input capacitor as close to IN and GND as possible.
(3) Place the external feedback resistors next to FB.
(4) Keep the switching node SW short and away from the feedback network.
(5) Keep the VOUT sense line as short as possible or keep it away from the power inductor and the surrounding
inductors.
Figure 20. Two ends of input decoupling capacitor close to pin 2 and pin 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com