Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6920HTST6 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6920HTST6
Description  High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6920HTST6 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6920HTST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DIO6920H
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6920H• Rev. 1.1
Physical Dimensions: TSOT23-6
Common Dimensions
(Units of Measure = Millimeter)
Symbol
Min
Nom
Max
A
-
-
0.90
A1
0
-
0.15
A2
0.65
0.75
0.85
A3
0.35
0.40
0.45
b
0.36
-
0.50
b1
0.36
0.38
0.45
c
0.14
-
0.20
c1
0.14
0.15
0.16
D
2.85
2.95
3.05
E
2.60
2.80
3.00
E1
1.60
1.65
1.70
e
0.90
0.95
1.00
e1
1.80
1.90
2.00
L
0.30
0.45
0.60
L1
0.575 REF
L2
0.25 BSC
R
-
-
0.25
R1
-
-
0.25
Θ
0°
-
8°
Θ1
3°
5°
7°
Θ2
10°
12°
14°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com