Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6920HTST6 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6920HTST6
Description  High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6920HTST6 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6920HTST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DIO6920H
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6920H• Rev. 1.1
Output capacitor COUT
The output capacitor is selected to handle the output ripple noise requirements. Both steady state ripple and
transient requirements must be taken into consideration when selecting this capacitor. For the best performance,
it is recommended to use X5R or better grade ceramic capacitor greater than 22 µF capacitance.
Output inductor L
There are several considerations in choosing this inductor.
1) Choose the inductance to provide the desired ripple current. It is suggested to choose the ripple current to be
about 40% of the maximum output current. The inductance is calculated as:
L=
%
40
)
/
1
(
,
,
MAX
OUT
SW
MAX
IN
OUT
OUT
I
F
V
V
V
(3)
where FSW is the switching frequency and IOUT,MAX is the maximum load current.
The DIO6920H regulator IC is quite tolerant of different ripple current amplitude. Consequently, the final
choice of inductance can be slightly off the calculation value without significantly impacting the performance.
2) The saturation current rating of the inductor must be selected to be greater than the peak inductor current
under full load conditions.
ISAT,MIN > IOUT,MAX +
L
F
V
V
V
SW
MAX
IN
OUT
OUT
2
)
/
1
(
,
(4)
3) The DCR of the inductor and the core loss at the switching frequency must be low enough to achieve the
desired efficiency requirement. It is desirable to choose an inductor with DCR < 50 mΩ to achieve a good
overall efficiency.
External boostrap cap
This capacitor provides the gate driver voltage for internal high side MOSFET. A 100 nF low ESR ceramic
capacitor connected between BS pin and SW pin is recommended.
Figure 13. External boostrap cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com