Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6920HTST6 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6920HTST6
Description  High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6920HTST6 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6920HTST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6920HTST6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DIO6920H
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6920H• Rev. 1.1
Operation
The DIO6920H is a synchronous buck regulator IC that integrates the COT control, top and bottom switches on
the same die to minimize the switching transition loss and conduction loss. With ultra low RDS(ON) power switches
and proprietary COT control, this regulator IC can achieve the highest efficiency and the highest switch
frequency simultaneously to minimize the external inductor and capacitor size, and thus achieving the minimum
solution footprint.
The DIO6920H provides protection functions such as cycle by cycle current limiting and thermal shutdown
protection. The DIO6920H will sense the output voltage conditions for the fault protection.
Applications Information
Because of the high integration in the DIO6920H IC, the application circuit based on this regulator IC is rather
simple. Only input capacitor CIN, output capacitor COUT, output inductor L and feedback resistors (R1 and R2)
need to be selected for the targeted applications specifications.
Feedback resistor dividers R1 and R2
Choose R1 and R2 to program the proper output voltage. To minimize the power consumption under light loads,
it is desirable to choose large resistance values for both R1 and R2. A value of between 10 k and 1 M is highly
recommended for both resistors. If VOUT is 3.3 V, R1 = 40.2 k is chosen, then R2 can be calculated to be 12 k.
R2=
1
765
.
0
765
.
0
R
V
V
V
OUT
(1)
Figure 12. Feedback resistor dividers R1 and R2
Input capacitor CIN
This ripple current through input capacitor is calculated as:
ICIN_RMS=IOUT
)
1
( D
D 
(2)
To minimize the potential noise problem, place a typical X5R or better grade ceramic capacitor really close to the
IN and GND pins. Care should be taken to minimize the loop area formed by CIN, and IN/GND pins. In this case,
a 4.7 μF low ESR ceramic capacitor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com