Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC835 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC835
Description  Low Power, High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC835 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC835 Datasheet HTML 1Page - Renesas Technology Corp UPC835 Datasheet HTML 2Page - Renesas Technology Corp UPC835 Datasheet HTML 3Page - Renesas Technology Corp UPC835 Datasheet HTML 4Page - Renesas Technology Corp UPC835 Datasheet HTML 5Page - Renesas Technology Corp UPC835 Datasheet HTML 6Page - Renesas Technology Corp UPC835 Datasheet HTML 7Page - Renesas Technology Corp UPC835 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UPC835
R03DS0186EJ0100 Rev.1.00
Page 4 of 8
Mar.10.25
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25°C, unless otherwise specified)
(Reference value)
0
100
200
300
400
500
0
20
40
60
80
100
TA - Operating Ambient Temperature - °C
PT vs.TA (ABSOLUTE MAXIMUM RATING)
With 100 mm x 100 mm
glass epoxy substrate
(refer to "ABSOLUTE MAXIMUM
RATINGS Note 4")
0
20
40
60
80
100
120
140
160
180
1
10 100 1k 10k 100k 1M 10M
f - Frequency - Hz
AV, Φ vs. f
V ± = ±15 V
AV
Φ
-3
-2
-1
0
1
2
3
-40
-20
0
20
40
60
80
TA - Operating Ambient Temperature - °C
VIO vs TA
V ± = ±15 V
each 5 sample data
0
5
10
15
20
25
30
100
1k
10k
100k
1M
10M
f - Frequency - Hz
VOm vs f
RL = 10 kΩ
V ± = ±15 V
V ± = ±10 V
V ± = ±5 V
1
10
100
1000
-40
-20
0
20
40
60
80
TA - Operating Ambient Temperature - °C
IB vs TA
V ± = ±15 V
0
5
10
15
20
25
30
35
40
0 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 ±18
V± - Supply Voltage - V
VOm vs V±
RL = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com